Electronic Components Datasheet Search
  English  ▼

X  

APL3516 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3516
Description  Power-Distribution Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3516 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3516 Datasheet HTML 1Page - Anpec Electronics Coropration APL3516 Datasheet HTML 2Page - Anpec Electronics Coropration APL3516 Datasheet HTML 3Page - Anpec Electronics Coropration APL3516 Datasheet HTML 4Page - Anpec Electronics Coropration APL3516 Datasheet HTML 5Page - Anpec Electronics Coropration APL3516 Datasheet HTML 6Page - Anpec Electronics Coropration APL3516 Datasheet HTML 7Page - Anpec Electronics Coropration APL3516 Datasheet HTML 8Page - Anpec Electronics Coropration APL3516 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2011
APL3516
www.anpec.com.tw
5
Typical Operating Characteristics
Supply Current vs. Input Voltage
Supply Current vs. Junction Temperature
0
20
40
60
80
100
Junction Temperature (oC)
V
IN=3.3V, RLOAD =Open,
C
IN =COUT =1µF/X7R
-50
0
50
100
150
Output Leakage Current vs.
Junction Temperature
0
5
10
15
20
Junction Temperature (oC)
V
IN=3.3V, Output Short to GND,
Shut Down mode
C
IN =COUT =1µF/X7R
-50
0
50
100
150
Input Voltage (V)
2.5
2.9
3.3
3.7
4.1
R
LOAD = Open,
C
IN =COUT =1µF/X7R, TA=25
oC
45
50
55
60
65
70
75
80
Turn-On Rising Time vs. Junction
Temperature
-50
0
50
100
150
Junction Temperature (oC)
V
IN=3.3V
0
200
400
600
800
1000
1200
Switch Off Supply Current vs.
Junction Temperature
Over Current Protection
Characteristics
0
5
10
15
20
V
IN=3.3V, RLOAD = Open,
C
IN =COUT =1µF/X7R
Junction Temperature (oC)
-50
0
50
100
150
Output Current (A)
V
IN=3.3V, TA =25
oC
0.2
0.4
0.6
0.8
1.0
1.2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com