Electronic Components Datasheet Search
  English  ▼

X  

APL3516 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL3516
Description  Power-Distribution Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3516 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL3516 Datasheet HTML 4Page - Anpec Electronics Coropration APL3516 Datasheet HTML 5Page - Anpec Electronics Coropration APL3516 Datasheet HTML 6Page - Anpec Electronics Coropration APL3516 Datasheet HTML 7Page - Anpec Electronics Coropration APL3516 Datasheet HTML 8Page - Anpec Electronics Coropration APL3516 Datasheet HTML 9Page - Anpec Electronics Coropration APL3516 Datasheet HTML 10Page - Anpec Electronics Coropration APL3516 Datasheet HTML 11Page - Anpec Electronics Coropration APL3516 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2011
APL3516
www.anpec.com.tw
8
Operating Waveforms (Cont.)
The test condition is V
IN=3.3V, TA= 25
oC unless otherwise specified.
Harnessed Inrush Current
2.5
Ω Load Connected to an Enabled
Device
1
Ω Load Connected to an Enabled Device
V
EN
1
2
I
IN
COUT=220µF
COUT=120µF
C
OUT=47µF
CH1: V
EN, 5V/Div, DC
CH2: I
IN, 0.5A/Div, DC
TIME: 0.5ms/Div
V
IN =3.3V, RLOAD =10Ω, CIN =1µF/X7R,
C
OUT =47/120/220µF, TA=25
oC
1
2
V
OUT
I
OUT
CH1: V
OUT, 1V/Div, DC
TIME: 10
µs/Div
V
IN =3.3V, RLOAD =2.5Ω, CIN=COUT=1µF/X7R,
T
A=25
o
C
CH2: I
OUT, 1A/Div, DC
1
2
V
OUT
I
OUT
CH1: V
OUT, 1V/Div, DC
TIME: 10
µs/Div
CH2: I
OUT, 1A/Div, DC
V
IN =3.3V, RLOAD =1Ω, CIN =COUT=1µF/X7R,
T
A=25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com