Electronic Components Datasheet Search
  English  ▼

X  

APL3518 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3518
Description  USB Power-Distribution Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3518 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3518 Datasheet HTML 1Page - Anpec Electronics Coropration APL3518 Datasheet HTML 2Page - Anpec Electronics Coropration APL3518 Datasheet HTML 3Page - Anpec Electronics Coropration APL3518 Datasheet HTML 4Page - Anpec Electronics Coropration APL3518 Datasheet HTML 5Page - Anpec Electronics Coropration APL3518 Datasheet HTML 6Page - Anpec Electronics Coropration APL3518 Datasheet HTML 7Page - Anpec Electronics Coropration APL3518 Datasheet HTML 8Page - Anpec Electronics Coropration APL3518 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2011
APL3518/9
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
USB Power-Distribution Switches
•
62m
Ω High Side MOSFET
•
Wide Supply Voltage Range: 2.7V to 5.5V
•
Current-Limit and Short-Circuit Protections
•
Over-Temperature Protection
•
Fault Indication Output
•
Enable Input
•
UL Approved-File No. E328191
•
Nemko IEC 60950-1:2005(2nd Edition); Am 1:2009
CB Scheme Certified, No.62377
•
TUV IEC 60950-1:2005+A1:2009 and
EN 60950-1:2006+A11:2009+A1:2010 Certified,
No.44 780 11 393954
•
Lead Free and Green Devices Available
(RoHS Compliant)
The APL3518/9 series of power switches are designed
for USB applications. The 62m
Ω N-channel MOSFET
power switch satisfies the voltage drop requirements of
USB specification.
Features
General Description
Applications
•
Notebook and Desktop Computers
•
USB Ports
•
High-Side Power Protection Switches
The protection features include current-limit protection,
short-circuit protection, and over-temperature protection.
The device limits the output current at current limit thresh-
old level. When V
OUT drops below 1.5V, the devices limit
the current to a lower and safe level. The over-tempera-
ture protection limits the junction temperature below
140oC in case of short circuit or over load conditions.
Other features include a deglitched OCB output to indi-
cate the fault condition and an enable input to enable or
disable the device.
Simplified Application Circuit
VIN
VOUT
GND
APL3518A/B/C/D
APL3519A/B/C/D
OCB
EN/ENB
USB
Controller
5V
USB Port


Similar Part No. - APL3518

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
USB Power-Distribution Switches
APL3510ABI-TRG ANPEC-APL3510ABI-TRG Datasheet
324Kb / 21P
USB Power-Distribution Switches
APL3510AKI-TRG ANPEC-APL3510AKI-TRG Datasheet
324Kb / 21P
USB Power-Distribution Switches
APL3510AXI-TRG ANPEC-APL3510AXI-TRG Datasheet
324Kb / 21P
USB Power-Distribution Switches
APL3510BBI-TRG ANPEC-APL3510BBI-TRG Datasheet
324Kb / 21P
USB Power-Distribution Switches
More results

Similar Description - APL3518

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
USB Dual Power-Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Anpec Electronics Corop...
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
USB Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com