Electronic Components Datasheet Search
  English  ▼

X  

APL3518 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3518
Description  USB Power-Distribution Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3518 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3518 Datasheet HTML 2Page - Anpec Electronics Coropration APL3518 Datasheet HTML 3Page - Anpec Electronics Coropration APL3518 Datasheet HTML 4Page - Anpec Electronics Coropration APL3518 Datasheet HTML 5Page - Anpec Electronics Coropration APL3518 Datasheet HTML 6Page - Anpec Electronics Coropration APL3518 Datasheet HTML 7Page - Anpec Electronics Coropration APL3518 Datasheet HTML 8Page - Anpec Electronics Coropration APL3518 Datasheet HTML 9Page - Anpec Electronics Coropration APL3518 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2011
APL3518/9
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
Current-Limit Response vs.
Output Peak Current
Current-Limit Response vs.
Output Peak Current
Short-Circuit Output Current vs.
Input Voltage
EN pin Threshold Voltage vs.
Junction Temperature
EN pin Threshold Voltage vs.
Input Voltage
Turn-Off Leakage Current vs.
Junction Temperature
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
0.8
0.9
1.0
1.1
1.2
EN Rising
EN Falling
V
IN =5V, RLOAD =50Ω,
C
IN = COUT =33µF/Elctrolytic, TA=25
o
C
-50
0
50
100
150
Junction Temperature (oC)
V
IN =5V, Shutdown mode, RLOAD =0Ω,
C
IN = COUT =33µF/Elctrolytic
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
150
Junction Temperature (oC)
EN Rising
EN Falling
R
LOAD =50Ω,
C
IN = COUT =33µF/Elctrolytic
Output Peak Current (A)
APL3518A/B, APL3519A/B,
V
IN = 5V, TA=25
o
C
0
1
2
3
4
5
6
7
8
9 10
50
100
150
200
250
300
350
400
450
500
0
Output Peak Current (A)
APL3518C/D, APL3519C/D,
V
IN = 5V, TA=25
o
C
0
1
2
3
4
5
6
7
8
9 10
50
100
150
200
250
300
350
400
450
500
0
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
IN = 5V,RLOAD =0.5Ω, TA=25℃
APL3518A/B, APL3519A/B
APL3518C/D, APL3519C/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com