Electronic Components Datasheet Search
  English  ▼

X  

APL3518 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3518
Description  USB Power-Distribution Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3518 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3518 Datasheet HTML 1Page - Anpec Electronics Coropration APL3518 Datasheet HTML 2Page - Anpec Electronics Coropration APL3518 Datasheet HTML 3Page - Anpec Electronics Coropration APL3518 Datasheet HTML 4Page - Anpec Electronics Coropration APL3518 Datasheet HTML 5Page - Anpec Electronics Coropration APL3518 Datasheet HTML 6Page - Anpec Electronics Coropration APL3518 Datasheet HTML 7Page - Anpec Electronics Coropration APL3518 Datasheet HTML 8Page - Anpec Electronics Coropration APL3518 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2011
APL3518/9
www.anpec.com.tw
4
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN=5V, VEN =5V or VENB=0V and TA= -40 ~ 85
oC. Typical values are
at T
A=25
oC.
APL3518/9
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
No load, VEN=0V or VENB=5V
-
-
1
µA
VIN Supply Current
No load, VEN=5V or VENB=0V
-
60
100
µA
Leakage Current
VOUT=GND, VEN=0V or VENB=5V
-
-
1
µA
Reverse Leakage Current
VIN=GND, VOUT=5V, VEN=0V or
VENB=5V
-
-
1
µA
POWER SWITCH
RDS(ON)
Power Switch On Resistance
APL3518A/B/C/D, APL3519A/B/C/D,
IOUT=1A, TA= 25
oC
-
62
78
m
Ω
UNDER-VOLTAGE LOCKOUT (UVLO)
VIN UVLO Threshold Voltage
VIN rising, TA= -40 ~ 85
oC
1.7
-
2.65
V
VIN UVLO Hysteresis
-
0.2
-
V
CURRENT-LIMIT AND SHORT-CIRCUIT PROTECTIONS
ILIM
Current Limit Threshold
APL3518A/B, APL3519A/B,
VIN=2.7V to 5.5V, TA= -40 ~ 85
oC
2.1
2.5
3.6
A
APL3518C/D, APL3519C/D,
VIN=2.7V to 5.5V, TA= -40 ~ 85
oC
1.1
1.5
2.1
A
ISHORT
Short-Circuit Output Current
APL3518A/B, APL3519A/B,
VIN=2.7V to 5.5V
-
1.5
-
A
APL3518C/D, APL3519C/D,
VIN=2.7V to 5.5V
-
0.8
-
A
OCB OUTPUT PIN
OCB Output Low Voltage
IOCB=5mA
-
0.2
0.4
V
OCB Leakage Current
VOCB=5V
-
-
1
µA
tD(OCB)
OCB Deglitch Time
OCB assertion, TA= -40 ~ 85
oC
5
12
20
ms
EN OR ENB INPUT PIN
VIH
Input Logic HIGH
VIN=2.7V to 5V
2
-
-
V
VIL
Input Logic LOW
VIN=2.7V to 5V
-
-
0.8
V
Input Current
-
-
1
µA
VOUT Discharge Resistance
VEN=0V or VENB=5V, VOUT=1V
-
40
-
Ω
tD(ON)
Turn On Delay Time
-
30
-
µs
tD(OFF)
Turn Off Delay Time
-
30
-
µs
tSS
Soft-Start Time
No load, COUT=1
µF, V
IN=5V
-
400
-
µs
OVER-TEMPERATURE PROTECTION (OTP)
TOTP
Over-Temperature Threshold
TJ rising
-
140
-
°C
Over-Temperature Hysteresis
-
20
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com