Electronic Components Datasheet Search
  English  ▼

X  

APL3518 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APL3518
Description  USB Power-Distribution Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3518 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APL3518 Datasheet HTML 10Page - Anpec Electronics Coropration APL3518 Datasheet HTML 11Page - Anpec Electronics Coropration APL3518 Datasheet HTML 12Page - Anpec Electronics Coropration APL3518 Datasheet HTML 13Page - Anpec Electronics Coropration APL3518 Datasheet HTML 14Page - Anpec Electronics Coropration APL3518 Datasheet HTML 15Page - Anpec Electronics Coropration APL3518 Datasheet HTML 16Page - Anpec Electronics Coropration APL3518 Datasheet HTML 17Page - Anpec Electronics Coropration APL3518 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2011
APL3518/9
www.anpec.com.tw
14
Application Information
Input Capacitor
A 1
µF ceramic bypass capacitor from V
IN to GND, located
near the APL3518/9, is strongly recommended to sup-
press the ringing during short circuit fault event. Without
the bypass capacitor, the output short may cause suffi-
cient ringing on the input (from supply lead inductance) to
damage internal control circuitry.
Output Capacitor
A low-ESR 150
µF aluminum electrolytic or tantalum be-
tween V
OUT and GND is strongly recommended to reduce
the voltage drop during hot-attachment of downstream
peripheral. (Per USB 2.0, output ports must have a mini-
mum 120
µF of low-ESR bulk capacitance per hub).
Higher-value output capacitor is better when the output
load is heavy. Additionally, bypassing the output with a
0.1
µF ceramic capacitor improves the immunity of the de-
vice to short-circuit transients.
Layout Consideration
The PCB layout should be carefully performed to maxi-
mize thermal dissipation and to minimize voltage drop,
droop and EMI. The following guidelines must be
considered:
1. Please place the input capacitors near the VIN pin as
close as possible.
2. Output decoupling capacitors for load must be placed
near the load as close as possible for decoupling high-
frequency ripples.
3. Locate APL3518/9 and output capacitors near the load
to reduce parasitic resistance and inductance for ex-
cellent load transient performance.
4. The negative pins of the input and output capacitors
and the GND pin must be connected to the ground plane
of the load.
5. Keep V
IN and VOUT traces as wide and short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com