Electronic Components Datasheet Search
  English  ▼

X  

APL3523 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3523
Description  Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3523 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3523 Datasheet HTML 1Page - Anpec Electronics Coropration APL3523 Datasheet HTML 2Page - Anpec Electronics Coropration APL3523 Datasheet HTML 3Page - Anpec Electronics Coropration APL3523 Datasheet HTML 4Page - Anpec Electronics Coropration APL3523 Datasheet HTML 5Page - Anpec Electronics Coropration APL3523 Datasheet HTML 6Page - Anpec Electronics Coropration APL3523 Datasheet HTML 7Page - Anpec Electronics Coropration APL3523 Datasheet HTML 8Page - Anpec Electronics Coropration APL3523 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2013
APL3523
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
•
16m
Ω(Typical) On-resistance per Channel
•
6A Continuous Current
•
Soft Start Time Programmable by External
Capacitor
•
Wide Input Voltage Range (VIN): 0.8V to 5.5V
•
Supply Voltage Range (VBIAS): 3V to 5.5V
•
Output Discharge when Switch Disabled
•
Reverse Current Blocking when Switch Disabled
•
Over-Temperature Protection
The APL3523 is an ultra-low on-resistance, dual power-
distribution switch with external soft start control. It inte-
grates two N-channel MOSFETs that can deliver 6A con-
tinuous load current each.
The device integrates over-temperature protection. The
over temperature protection function shuts down the N-
channel MOSFET power switch when the junction tem-
perature rises beyond 160oC and will automatically turns
on the power switch when the temperature drops by 40oC.
The device is available in lead free TDFN2x3-14A
packages.
Features
General Description
Applications
•
Notebook
•
AIO PC
Simplified Application Circuit
•
Enable Input
•
Lead Free and Green Devices Available (RoHS
Compliant)
Pin Configurations
EN1 3
14 VOUT1
VIN1 1
VIN1 2
BIAS 4
13 VOUT1
11 GND
12 SS1
TDFN2x3-14A
(Top View)
VIN2 7
EN2 5
VIN2 6
10 SS2
8 VOUT2
9 VOUT2
VIN1
VOUT1
APL3523
SS2
EN1
VIN1
VOUT2
VIN2
SS1
EN2
BIAS
VBIAS
GND
On
Off
VIN2
VOUT1
VOUT2


Similar Part No. - APL3523

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523AQBI-TRG ANPEC-APL3523AQBI-TRG Datasheet
609Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
More results

Similar Description - APL3523

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3526 ANPEC-APL3526 Datasheet
208Kb / 14P
Ultra-Low On-Resistance, 6A Load Switch with Soft Start
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
Load Switch with Low On-Resistance
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
Very Ultra-Low On-Resistance Load Switch
logo
Advanced Power Electron...
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
logo
Anpec Electronics Corop...
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com