Electronic Components Datasheet Search
  English  ▼

X  

APL3523 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3523
Description  Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3523 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3523 Datasheet HTML 1Page - Anpec Electronics Coropration APL3523 Datasheet HTML 2Page - Anpec Electronics Coropration APL3523 Datasheet HTML 3Page - Anpec Electronics Coropration APL3523 Datasheet HTML 4Page - Anpec Electronics Coropration APL3523 Datasheet HTML 5Page - Anpec Electronics Coropration APL3523 Datasheet HTML 6Page - Anpec Electronics Coropration APL3523 Datasheet HTML 7Page - Anpec Electronics Coropration APL3523 Datasheet HTML 8Page - Anpec Electronics Coropration APL3523 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2013
APL3523
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VBIAS
BIAS Input Voltage
3.0 ~ 5.5
V
VIN1, VIN2 VIN1, VIN2 Input Voltage
0.8 ~ 5.5
V
IOUT
VOUT1 or VOUT2 Output Current (single channel)
0 ~ 6
A
PD
Maximum Power Dissipation, TA=50
oC(Note4)
0.94
W
VIH
EN1, EN2 Logic High Input Voltage
1.2 ~ 5.5
V
VIL
EN1, EN2 Logic Low Input Voltage
0 ~ 0.4
V
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 3)
Note 3 : Refer to the typical application circuit.
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN1= VIN2= 0.8V~5.5V,
V
EN1= VEN2=VBIAS =5V and TA= -40~85
oC.
Typical values are at T
A=25
oC.
APL3523
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
BIAS Supply Current (both
channels)
No load, VBIAS=5V =VEN1,2=5V
-
60
90
µA
IBIAS
BIAS Supply Current (single
channel)
No load, VBIAS=5V, VEN1=5V, VEN2=0V
-
50
-
µA
ISD
BIAS Supply Current at
Shutdown
No load, VBIAS=5V, VEN1,2=0V
-
-
2
µA
No load, VBIAS=5V, VEN1,2=0V, VIN1,2=5V
-
0.1
8
µA
No load, VBIAS=5V, VEN1,2=0V, VIN1,2=3.3V
-
0.1
3
µA
No load, VBIAS=5V, VEN1,2=0V, VIN1,2=1.8V
-
0.1
2
µA
IOFF
VIN Off-State Supply Current
(per channel)
No load, VBIAS=5V, VEN1,2=0V, VIN1,2=0.8V
-
0.1
1
µA
Reverse Leakage Current (per
channel)
VEN1,2=0V, VIN1,2=0V
-
0.1
16
µA
UNDER-VOLTAGE LOCKOUT (UVLO)
Rising BIAS UVLO Threshold
VBIAS rising
1.9
2.4
2.9
V
BIAS UVLO Hysteresis
-
0.1
-
V
POWER SWITCH
IOUT=200mA, TJ= 25
oC
-
16
18
m
Ω
IOUT=200mA, TJ= -40~125
oC
Channel 1
-
-
24
m
Ω
IOUT=200mA, TJ= 25
oC
-
16
18
m
Ω
RDS(ON)
Power Switch On Resistance
IOUT=200mA, TJ= -40~125
oC
Channel 2
-
-
24
m
Ω
VOUT Discharge Resistance
VEN1,2=0V, VOUT1 or VOUT2 force 1V
-
150
180
Ω
Note 4 : Refer to the thermal consideration on page 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com