Electronic Components Datasheet Search
  English  ▼

X  

APL3523 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3523
Description  Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3523 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3523 Datasheet HTML 2Page - Anpec Electronics Coropration APL3523 Datasheet HTML 3Page - Anpec Electronics Coropration APL3523 Datasheet HTML 4Page - Anpec Electronics Coropration APL3523 Datasheet HTML 5Page - Anpec Electronics Coropration APL3523 Datasheet HTML 6Page - Anpec Electronics Coropration APL3523 Datasheet HTML 7Page - Anpec Electronics Coropration APL3523 Datasheet HTML 8Page - Anpec Electronics Coropration APL3523 Datasheet HTML 9Page - Anpec Electronics Coropration APL3523 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2013
APL3523
www.anpec.com.tw
6
Typical Operating Characteristics
VBIAS=3 .3V
VBIAS=5 V
Switch On Resistance vs. VIN
Supply Voltage
T
J =25 °C
14
15
16
17
18
19
20
21
22
23
24
0.5
1.5
2.5
3.5
4.5
5 .5
VIN Supply Voltage, VIN (V)
Output Current, IOUT (A)
Switch On Resistance vs. Output
Current
0
1
2
3
4
5
6
14
15
16
17
18
VBIAS = 5V, VIN = 5V , TJ = 25 °C
19
20
Turn On Delay Time vs. VIN
Supply Voltage
VIN Supply Voltage, VIN (V)
50
100
150
200
250
300
350
400
450
500
0 .8 1.0 1.2 1.4 1.6 1 .8 2.0 2.2 2.4 2 .6 2.8 3.0
-40
25
85
125
VBIAS = 3V, RL = 10
Ω
CSS = 1nF, COUT = 0.1
µF
VIN Supply Voltage, VIN (V)
0.5
1 .5
2.5
3.5
4.5
5.5
50
100
150
200
250
300
350
400
450
500
VBIAS = 5.5V, CSS = 1nF,
ROUT = 10
Ω, COUT = 0.1µF
Turn On Delay Time vs . VIN Supply
Voltage
-40
25
85
125
Falling Time vs . VIN Supply Voltage
VIN Supply Voltage, VIN (V)
0.8 1.0 1.2 1.4 1.6 1.8 2 .0 2.2 2.4 2.6 2.8 3 .0
0
1
2
3
4
5
VBIAS = 3V, RL = 10
Ω
CSS = 1nF, COUT = 0.1
µF
-40
25
85
125
VIN Supply Voltage, VIN (V)
0.5
1
1.5
2
2 .5
3
3.5
4
4.5
5
5.5
1
2
3
4
5
Falling Time vs. VIN Supply Voltage
V
BIAS = 5.5V, Css = 1nF,
ROUT = 10
Ω, C
OUT = 0.1
µF
-40
25
85
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com