Electronic Components Datasheet Search
  English  ▼

X  

APL3523 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APL3523
Description  Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3523 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APL3523 Datasheet HTML 10Page - Anpec Electronics Coropration APL3523 Datasheet HTML 11Page - Anpec Electronics Coropration APL3523 Datasheet HTML 12Page - Anpec Electronics Coropration APL3523 Datasheet HTML 13Page - Anpec Electronics Coropration APL3523 Datasheet HTML 14Page - Anpec Electronics Coropration APL3523 Datasheet HTML 15Page - Anpec Electronics Coropration APL3523 Datasheet HTML 16Page - Anpec Electronics Coropration APL3523 Datasheet HTML 17Page - Anpec Electronics Coropration APL3523 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2013
APL3523
www.anpec.com.tw
14
Function Description
VIN Under-voltage Lockout (UVLO)
A under-voltage lockout (UVLO) circuit monitors the VBIAS
pins voltage to prevent wrong logic controls. The UVLO
function initiates a soft-start process after the BIAS sup-
ply voltages exceed rising UVLO voltage threshold dur-
ing powering on.
Power Switch
The power switch is an N-channel MOSFET with a ultra-
low R
DS(ON). When IC is in shutdown state (VEN1,2=0V), the
MOSFET prevents a reverse current flowing from the VOUT
back to VIN. When IC is in UVLO state, the internal para-
sitic diodes connected from VOUT to VIN will be forward
biased.
Soft-start
The APL3523 Provides an adjustable soft-start circuitry
to control rise rate of the output voltage and limit the cur-
rent surge during start-up. The soft-start time is set with a
capacitor from the SS pin to the ground.
Enable Control
The APL3523 has a dedicated enable pin (EN). A logic
low signal applied to this pin shuts down the output. Fol-
lowing a shutdown, a logic high signal re-enables the
output through initiation of a new soft-start cycle.
Over-Temperature Protection (OTP)
When the junction temperature exceeds 160oC, the inter-
nal thermal sense circuit turns off the power FET and
allows the device to cool down. When the device’s junc-
tion temperature cools by 40oC, the internal thermal
sense circuit will enable the device, resulting in a pulsed
output during continuous thermal protection. Thermal
protection is designed to protect the IC in the event of
over temperature conditions. For normal operation, the
junction temperature cannot exceed T
J=+125
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com