Electronic Components Datasheet Search
  English  ▼

X  

APL3580 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3580
Description  33mW 3A High Side Load Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3580 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3580 Datasheet HTML 1Page - Anpec Electronics Coropration APL3580 Datasheet HTML 2Page - Anpec Electronics Coropration APL3580 Datasheet HTML 3Page - Anpec Electronics Coropration APL3580 Datasheet HTML 4Page - Anpec Electronics Coropration APL3580 Datasheet HTML 5Page - Anpec Electronics Coropration APL3580 Datasheet HTML 6Page - Anpec Electronics Coropration APL3580 Datasheet HTML 7Page - Anpec Electronics Coropration APL3580 Datasheet HTML 8Page - Anpec Electronics Coropration APL3580 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - May., 2011
APL3580
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
33m
Ω 3A High Side Load Switches
•
33m
Ω High Side MOSFET
•
3A Continuous Current
•
Wide Supply Voltage Range: 1.5V to 5.5V
•
Internal Level Shift for CMOS/TTL Control Logic
•
Ultra Low Quiescent Current
•
Micro-power Shutdown Current
•
Soft-Start and Auto Discharge Circuit
•
Ultra Fast Turn Off Time
•
Compact Package: 1.2mm x 1.2mm WLCSP-4
•
Lead Free and Green Devices Available
(RoHS Compliant)
The APL3580 series are 33m
Ω high-side load switches
designed to be operated from 1.5V to 5.5V. The load
switch that supports 1.5V logic level control and shut-
down features can deliver load current up to 3A.
The APL3580 incorporates a soft-start control circuitry to
limit inrush current during powering-up. When disabled,
an internal discharge circuit automatically discharges a
capacitive load. The enable input pin is actively pulled
down to keep the device in off state until the enable pin is
pulled above 1.2V. The level shift circuitry allows low volt-
age logic signals to switch higher supply voltage. The EN
input voltage can be as high as 5.5V and is not limited by
the input voltage.
With the virtues of low quiescent current and low shut
down current, the APL3580 series are ideal for battery
powered systems to maximum battery life, as well as
non-battery powered applications. They are available in
tiny 1.2mmx1.2mm WLCSP-4 packages.
Features
General Description
Applications
•
Mobile Phones
•
Personal Media Players
•
Portable Instrumentation
•
PDAs
•
Ultra Mobile PCs
•
Other Portable Applications
Pin Configuration
Simplified Application Circuit
VIN
VOUT
GND
APL3580
EN
L0X
VIN
(B2)
EN
(A2)
VOUT
(A1)
GND
(B1)
Pin A1
Marking
WLCSP1.2x1.2-4
(Top View)


Similar Part No. - APL3580

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
USB Power-Distribution Switches
APL3510ABI-TRG ANPEC-APL3510ABI-TRG Datasheet
324Kb / 21P
USB Power-Distribution Switches
APL3510AKI-TRG ANPEC-APL3510AKI-TRG Datasheet
324Kb / 21P
USB Power-Distribution Switches
APL3510AXI-TRG ANPEC-APL3510AXI-TRG Datasheet
324Kb / 21P
USB Power-Distribution Switches
APL3510BBI-TRG ANPEC-APL3510BBI-TRG Datasheet
324Kb / 21P
USB Power-Distribution Switches
More results

Similar Description - APL3580

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94070 MICREL-MIC94070 Datasheet
807Kb / 11P
High Side Power Switches
MIC9409X MICREL-MIC9409X Datasheet
821Kb / 16P
High Side Load Switches for Consumer Applications
MIC94040 MICREL-MIC94040_09 Datasheet
821Kb / 16P
High Side Load Switches for Consumer Applications
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
2A High Side Load Switches
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
3A High-Side Load Switch
logo
Torex Semiconductor
XC8101 TOREX-XC8101_15 Datasheet
705Kb / 37P
High Side Load Switch
logo
Unisonic Technologies
US94060 UTC-US94060_15 Datasheet
191Kb / 6P
HIGH SIDE POWER SWITCHES
logo
Richtek Technology Corp...
RT9741 RICHTEK-RT9741 Datasheet
230Kb / 11P
High-Side Power Switches
logo
Micrel Semiconductor
MIC9416X MICREL-MIC9416X Datasheet
742Kb / 12P
3A High-Side Load Switch with Reverse Blocking
logo
Microchip Technology
MIC94060 MICROCHIP-MIC94060 Datasheet
1Mb / 22P
High Side Power Switches
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com