Electronic Components Datasheet Search
  English  ▼

X  

APL3580 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3580
Description  33mW 3A High Side Load Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3580 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3580 Datasheet HTML 2Page - Anpec Electronics Coropration APL3580 Datasheet HTML 3Page - Anpec Electronics Coropration APL3580 Datasheet HTML 4Page - Anpec Electronics Coropration APL3580 Datasheet HTML 5Page - Anpec Electronics Coropration APL3580 Datasheet HTML 6Page - Anpec Electronics Coropration APL3580 Datasheet HTML 7Page - Anpec Electronics Coropration APL3580 Datasheet HTML 8Page - Anpec Electronics Coropration APL3580 Datasheet HTML 9Page - Anpec Electronics Coropration APL3580 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - May., 2011
APL3580
www.anpec.com.tw
6
Operating Waveforms
The test condition is T
A= 25
oC unless otherwise specified.
Turn On /Turn Off Timing
Turn On /Turn Off Timing
CH1: V
EN, 2V/Div, DC
TIME: 100
µs/Div
V
IN =3.6V, RLOAD =36Ω, COUT =1µF
CH2: V
OUT, 2V/Div, DC
CH3: I
OUT, 100mA/Div, DC
Turn On /Turn Off Timing
CH1: V
EN, 2V/Div, DC
TIME: 100
µs/Div
V
IN =3.6V, RLOAD =1.2Ω, COUT =1µF
CH2: V
OUT, 2V/Div, DC
CH3: I
OUT, 2A/Div, DC
CH1: V
EN, 2V/Div, DC
TIME: 100
µs/Div
V
IN =3.6V, RLOAD =1.2Ω, COUT =10µF
CH2: V
OUT, 2V/Div, DC
CH3: I
OUT, 2A/Div, DC
Turn On /Turn Off Timing
3
1
2
V
EN
V
OUT
I
OUT
I
OUT
1
2
V
EN
V
OUT
3
1
2
V
EN
V
OUT
I
OUT
3
1
2
V
EN
V
OUT
I
OUT
3
V
IN =3.6V, RLOAD =36Ω, COUT =10µF
CH1: V
EN, 2V/Div, DC
TIME: 100
µs/Div
CH3: I
OUT, 200mA/Div, DC
CH2: V
OUT, 2V/Div, DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com