Electronic Components Datasheet Search
  English  ▼

X  

APL3580 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3580
Description  33mW 3A High Side Load Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3580 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3580 Datasheet HTML 1Page - Anpec Electronics Coropration APL3580 Datasheet HTML 2Page - Anpec Electronics Coropration APL3580 Datasheet HTML 3Page - Anpec Electronics Coropration APL3580 Datasheet HTML 4Page - Anpec Electronics Coropration APL3580 Datasheet HTML 5Page - Anpec Electronics Coropration APL3580 Datasheet HTML 6Page - Anpec Electronics Coropration APL3580 Datasheet HTML 7Page - Anpec Electronics Coropration APL3580 Datasheet HTML 8Page - Anpec Electronics Coropration APL3580 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - May., 2011
APL3580
www.anpec.com.tw
5
Typical Operating Characteristics (Cont.)
VIN Supply Current vs.
Ambient Temperature
EN Threshold vs. Input Voltage
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
EN Falling
Threshold
(-40oC)
EN Falling
Threshold
(25OC)
EN Falling
Threshold
(125oC)
0.4
0.2
Input Voltage (V)
1.5
2.0
2.5
3.0 3.5
4.0
4.5
5.0 5.5
EN Rising
Threshold
(125oC)
EN Rising
Threshold
(25oC)
EN Rising
Threshold
(-40oC)
V
IN=5.5V
Temperature (oC)
V
IN=3.3V
V
IN=1.5V
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-40 -20
0
20
40
60
80 100 120 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com