Electronic Components Datasheet Search
  English  ▼

X  

APL3580 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3580
Description  33mW 3A High Side Load Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3580 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3580 Datasheet HTML 1Page - Anpec Electronics Coropration APL3580 Datasheet HTML 2Page - Anpec Electronics Coropration APL3580 Datasheet HTML 3Page - Anpec Electronics Coropration APL3580 Datasheet HTML 4Page - Anpec Electronics Coropration APL3580 Datasheet HTML 5Page - Anpec Electronics Coropration APL3580 Datasheet HTML 6Page - Anpec Electronics Coropration APL3580 Datasheet HTML 7Page - Anpec Electronics Coropration APL3580 Datasheet HTML 8Page - Anpec Electronics Coropration APL3580 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - May., 2011
APL3580
www.anpec.com.tw
3
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN=5V, and TA=25
oC. Bold Values are at T
A= -40~85
oC.
APL3580
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
VIN=VEN=5V, VOUT open
-
7
10
µA
VIN Supply Current
VIN=5V, VEN=0V, VOUT open
-
0.1
1
µA
Leakage Current
VIN=5V, VOUT tied to GND, VEN=0V,
measured on VOUT
-
0.1
1
µA
POWER SWITCH
VN =5V, IOUT=100mA, VEN=1.5V
-
33
55
VN =4.5V, IOUT=100mA, VEN=1.5V
-
35
60
VN =3.6V, IOUT=100mA, VEN=1.5V
-
38
65
VN =2.5V, IOUT=100mA, VEN=1.5V
-
45
85
VN =1.8V, IOUT=100mA, VEN=1.5V
-
65
120
RDS(ON)
Power Switch On Resistance
VN =1.5V, IOUT=100mA, VEN=1.5V
-
77
150
m
Ω
tD(ON)
Turn-On Delay Time
VIN=3.6V, ROUT=36
Ω, V
EN=1.5V
50
-
185
µs
tD(OFF)
Turn-Off Delay Time
VIN=3.6V, ROUT=36
Ω, V
EN=0V
-
0.8
1.2
µs
tON_RISE Turn-On Rise Time
VIN=3.6V, ROUT=36
Ω, V
EN=1.5V
50
-
200
µs
tOFF_FALL Turn-Off Fall Time
VIN=3.6V, ROUT=36
Ω, no C
OUT, VEN=0V
-
200
400
ns
EN INPUT PIN
VIH
EN Input Logic High
VIN=1.5V to 5V
1.2
-
5.5
V
EN Input Logic Low
VIN=1.5V to 5V
0
-
0.4
V
Input Current
VEN=5.5V
-
2.5
4
µA
OUTPUT DISCHARGE RESISTANCE
RSHD
Output Discharge Resistance
ITEST =1mA, VIN=3.6V
-
250
400
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com