Electronic Components Datasheet Search
  English  ▼

X  

APL5101 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5101
Description  150mA, 4mA Quiescent Current Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5101 Datasheet HTML 1Page - Anpec Electronics Coropration APL5101 Datasheet HTML 2Page - Anpec Electronics Coropration APL5101 Datasheet HTML 3Page - Anpec Electronics Coropration APL5101 Datasheet HTML 4Page - Anpec Electronics Coropration APL5101 Datasheet HTML 5Page - Anpec Electronics Coropration APL5101 Datasheet HTML 6Page - Anpec Electronics Coropration APL5101 Datasheet HTML 7Page - Anpec Electronics Coropration APL5101 Datasheet HTML 8Page - Anpec Electronics Coropration APL5101 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2013
APL5101/2
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
General Description
The APL5101/2 are micro-power and ultra low dropout
linear regulators, which operate from 2V to 6V input volt-
age and deliver up to 150mA. Typical dropout voltage is
only 200mV at 150mA loading. Designed for use in bat-
tery-powered system, the low 4
µA quiescent current
makes it an ideal choice. Design with an internal P-chan-
nel MOSFET pass transistor, the APL5101/2 maintain a
low supply current, independent of the load current and
dropout voltage.
Other features include thermal-shutdown protection and
current limit protection to ensure specified output current
and controlled short-circuit current. The APL5101/2 regu-
lators come in a miniature SOT-23, SOT-23-5, and SOT-
89 packages.
Applications
•
Hand-Held Equipment
•
RTC or CMOS Backup Power
•
Battery Powered Equipment
Pin Configuration
SOT-23-5
•
Ultra Low Quiescent Current: 4
µA
•
Ultra Low Dropout Voltage:
200mV@3.3V/150mA
•
Fixed Output Voltages: 1.2V~3.5V,
Steps 100mV
•
Guaranteed 150mA Output Current
•
Stable with 1
µF Output Capacitor
•
Ceramic Capacitor can be used
•
Current-Limit Protection
•
Controlled Short Circuit Current: 50mA
•
Build-in Thermal Protection
•
SOT-23, SOT-23-5, and SOT-89 Packages
•
Lead Free and Green Devices Available
(RoHS Compliant)
SOT-23
APL5102
APL5101
SOT-23
APL5101
150mA, 4
µA Quiescent Current Regulator
GND
VOUT
VIN
APL5101
SOT-89
VOUT
GND
VIN
1
2
3
VOUT
GND
VIN
1
2
3
1
2
3
VOUT
GND
VIN
1
2
3
VOUT
GND
VIN
1
2
3
VIN
GND
SHDN
NC
VOUT
1
2
3
4
5
VIN
GND
SHDN
NC
VOUT
1
2
3
4
5
APL5102
VIN
GND
SHDN
NC
VOUT
1
2
3
4
5
VIN
GND
SHDN
NC
VOUT
1
2
3
4
5
SOT-23-5
VIN
GND
NC
NC
VOUT
VIN
VIN
VOUT
VOUT
VIN
VOUT
VIN
GND
SHDN
NC
GND
VOUT
GND


Similar Part No. - APL5101

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
150mA, 4uA Quiescent Current Regulator
APL5101-12AI ANPEC-APL5101-12AI Datasheet
262Kb / 15P
150mA, 4uA Quiescent Current Regulator
APL5101-12BI ANPEC-APL5101-12BI Datasheet
262Kb / 15P
150mA, 4uA Quiescent Current Regulator
APL5101-12DI ANPEC-APL5101-12DI Datasheet
262Kb / 15P
150mA, 4uA Quiescent Current Regulator
APL5101-13AI ANPEC-APL5101-13AI Datasheet
262Kb / 15P
150mA, 4uA Quiescent Current Regulator
More results

Similar Description - APL5101

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
150mA, 4uA Quiescent Current Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
24V, 150mA, Low Quiescent Current Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com