Electronic Components Datasheet Search
  English  ▼

X  

APL5101 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5101
Description  150mA, 4mA Quiescent Current Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5101 Datasheet HTML 1Page - Anpec Electronics Coropration APL5101 Datasheet HTML 2Page - Anpec Electronics Coropration APL5101 Datasheet HTML 3Page - Anpec Electronics Coropration APL5101 Datasheet HTML 4Page - Anpec Electronics Coropration APL5101 Datasheet HTML 5Page - Anpec Electronics Coropration APL5101 Datasheet HTML 6Page - Anpec Electronics Coropration APL5101 Datasheet HTML 7Page - Anpec Electronics Coropration APL5101 Datasheet HTML 8Page - Anpec Electronics Coropration APL5101 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2013
APL5101/2
www.anpec.com.tw
4
APL5101/2
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
en
Noise
F = 22Hz to 80kHz,
COUT = 1
µF, I
OUT = 10mA
-
200
250
µVRMS
ISHDN
Shutdown Input Bias Current
VSHDN = Low
-
0.1
1
µA
High Threshold Voltage
1.6
-
VIN+0.3
V
VSHDN
Low Threshold Voltage
-0.3
-
0.4
V
TEXIT
Shutdown Exit Delay
VOUT = 90%, RLOAD = 25Ω
1.5
2
2.5
mS
Over Temperature Shutdown
120
135
-
°C
OTS
Over Temperature Shutdown
Hysteresis
10
20
30
°C
TC
Output Voltage Temperature
Coefficient
TA = -40°C ~ 100°C
-
100
200
ppm/°C
Output Capacitor
1
-
10
µ F
COUT
ESR
10
-
1000
m
Ω
Electrical Characteristics (Cont.)
Unless otherwise noted these specificatons apply over full temperature, V
IN = 5V, CIN = COUT = 1µF, TA = -40 to 85°C. Typical values
refer to T
A = 25°C.
Note: Dropout voltage definition:V
IN-VOUT
when V
OUT is 2% below the value of VOUT for VIN= VOUT+1V.
Pin Description
PIN
NO.
NAME
I/O
FUNCTION
1
VIN
I
Voltage supply input pin
2
GND
GND pin
3
SHDN
I
Shutdown control pin, high = off, low = normal
4
NC
Not connected
5
VOUT
O
Regulator output pin
Block Diagram
Cu rrent
L imit
Shu tdown
Log ic
Re ference
Vo ltage
The rmal
Shu tdown
+
_
V IN
VO UT
SH DN
G ND
APL5101/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com