Electronic Components Datasheet Search
  English  ▼

X  

APL5101 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5101
Description  150mA, 4mA Quiescent Current Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5101 Datasheet HTML 1Page - Anpec Electronics Coropration APL5101 Datasheet HTML 2Page - Anpec Electronics Coropration APL5101 Datasheet HTML 3Page - Anpec Electronics Coropration APL5101 Datasheet HTML 4Page - Anpec Electronics Coropration APL5101 Datasheet HTML 5Page - Anpec Electronics Coropration APL5101 Datasheet HTML 6Page - Anpec Electronics Coropration APL5101 Datasheet HTML 7Page - Anpec Electronics Coropration APL5101 Datasheet HTML 8Page - Anpec Electronics Coropration APL5101 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2013
APL5101/2
www.anpec.com.tw
2
Ordering and Marking Information
Product Name
Marking
Product Name
Marking
APL5101-12A/B
105X
APL5102-12A/B
AB5X
APL5101-13A/B
107X
APL5102-13A/B
AB7X
APL5101-14A/B
108X
APL5102-14A/B
AB8X
APL5101-15A/B
109X
APL5102-15A/B
AB9X
APL5101-16A/B
10AX
APL5102-16A/B
ABAX
APL5101-17A/B
10BX
APL5102-17A/B
ABBX
APL5101-18A/B
10CX
APL5102-18A/B
ABCX
APL5101-19A/B
10DX
APL5102-19A/B
ABDX
APL5101-20A/B
10EX
APL5102-20A/B
ABEX
APL5101-21A/B
10FX
APL5102-21A/B
ABFX
APL5101-22A/B
10GX
APL5102-22A/B
ABGX
APL5101-23A/B
10HX
APL5102-23A/B
ABHX
APL5101-24A/B
10IX
APL5102-24A/B
ABIX
APL5101-25A/B
10JX
APL5102-25A/B
ABJX
APL5101-26A/B
10KX
APL5102-26A/B
ABKX
APL5101-27A/B
10LX
APL5102-27A/B
ABLX
APL5101-28A/B
10MX
APL5102-28A/B
ABMX
APL5101-29A/B
10NX
APL5102-29A/B
ABNX
APL5101-30A/B
10OX
APL5102-30A/B
ABOX
APL5101-31A/B
10PX
APL5102-31A/B
ABPX
APL5101-32A/B
10QX
APL5102-32A/B
ABQX
APL5101-33A/B
10RX
APL5102-33A/B
ABRX
APL5101-34A/B
10SX
APL5102-34A/B
ABSX
APL5101-35A/B
10TX
APL5102-35A/B
ABTX
SOT-23 and SOT-23-5 packages
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Package Code
A : SOT-23
B : SOT-23-5
D : SOT-89
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Voltage Code :
12 : 1.2V ~ 35 : 3.5V
Assembly Material
L : Lead Free Device
G: Halogen and Lead Free Device
APL5101/2 -
Handling Code
Temperature Range
Package Code
Voltage Code
105X
X - Date Code : 5 - 1.2V
APL5101 -12 A/B:
Assembly Material
APL5101
XXXXX12
XXXXX - Date Code : 12 - 1.2V
APL5101 -12 D :
AB5X
X - Date Code : 5 - 1.2V
APL5102 -12 A/B:
APL5102
XXXXX12
XXXXX - Date Code : 12 - 1.2V
APL5102 -12 D :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com