Electronic Components Datasheet Search
  English  ▼

X  

APL5101 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5101
Description  150mA, 4mA Quiescent Current Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5101 Datasheet HTML 2Page - Anpec Electronics Coropration APL5101 Datasheet HTML 3Page - Anpec Electronics Coropration APL5101 Datasheet HTML 4Page - Anpec Electronics Coropration APL5101 Datasheet HTML 5Page - Anpec Electronics Coropration APL5101 Datasheet HTML 6Page - Anpec Electronics Coropration APL5101 Datasheet HTML 7Page - Anpec Electronics Coropration APL5101 Datasheet HTML 8Page - Anpec Electronics Coropration APL5101 Datasheet HTML 9Page - Anpec Electronics Coropration APL5101 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2013
APL5101/2
www.anpec.com.tw
6
0
0.5
1
1.5
2
2.5
3
3.5
4
-40
-20
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
Typical Operating Characteristics (Cont.)
IOUT=0mA
Output Voltage vs. Input Voltage
Input Voltage(V)
VOUT=1.4V
Quiescent Current vs. Ambient Temperature
Ambient Temperature(
°C)
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
100k
100
1k
10k
T
TT
T
VOUT=3.3V
Dropout Voltage vs. Output Current
Output Current(mA)
VOUT=1.2V
1mA
100mA
50mA
Frequency(Hz)
PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com