Electronic Components Datasheet Search
  English  ▼

X  

APW7057 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7057
Description  High Power Step-Down Synchronous DC/DC Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7057 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7057 Datasheet HTML 1Page - Anpec Electronics Coropration APW7057 Datasheet HTML 2Page - Anpec Electronics Coropration APW7057 Datasheet HTML 3Page - Anpec Electronics Coropration APW7057 Datasheet HTML 4Page - Anpec Electronics Coropration APW7057 Datasheet HTML 5Page - Anpec Electronics Coropration APW7057 Datasheet HTML 6Page - Anpec Electronics Coropration APW7057 Datasheet HTML 7Page - Anpec Electronics Coropration APW7057 Datasheet HTML 8Page - Anpec Electronics Coropration APW7057 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
High Power Step-Down Synchronous DC/DC Controller
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jun., 2008
APW7057
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
• Operates from +5V Input
• 0.8V Internal Reference Voltage
- ±1.5% Accuracy Over Line, Load and
Temperature
• 0.8V to V
CC Output Range
• Full Duty Cycle Range
- 0% to 100%
• Internal Loop Compensation
• Internal Soft-Start
- Typical 2ms
• Programmable Over-Current Protection
- Lossless Sensing Using MOSFET R
DS (ON)
• Under-Voltage Protection
• Drives External N-Channel MOSFETs
• Shutdown Control
• Small SOP-8 Package
• Lead Free and Green Devices Avaliable
(RoHS Compliant)
Features
Applications
• Motherboard
• Graphics Cards
• Cable or DSL Modems, Set Top Boxes
• DSP Supplies
• Memory Supplies
• 5V Input DC-DC Regulators
• Distributed Power Supplies
General Description
The APW7057 is a 300kHz constant frequency voltage
mode synchronous switching controller that drives exter-
nal N-channel MOSFETs. When the input supply drops
close to output, the upper MOSFET remains on, achiev-
ing 100% duty cycle. Internal loop compensation is opti-
mized for fast transient response, eliminating external
compensation network. The precision 0.8V reference
makes this part suitable for a wide variety of low voltage
applications. Soft-start is internally set to 2ms, limiting
the input in-rush current and preventing the output from
overshoot during powering up.
The APW 7057 has over current and short circuit
protections. Over current protection is achieved by moni-
toring the voltage drop across the high side MOSFET,
eliminating the need for a current sensing resistor and
short circuit condition is detected through the FB pin. If
either fault conditions occur, the APW7057 would initiate
the soft-start cycle. After three cycles and if the fault condi-
tion persists, the controller will be shut down. To restart
the controller, either recycle the V
CC supply or momen-
tarily pull the OSCSET pin below 1.25V.
The APW7057 can be shutdown by pulling the OCSET
pin below 1.25V. In shutdown, both gate drive signals will
be low. The controller is available in a small SOP-8
package.
Pin Configuration
SOP-8 (Top View )
BOOT
UGATE
OCSET
GND
LGATE
FB
VCC
PHASE
1
2
3
4
8
6
7
5


Similar Part No. - APW7057

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
High Power Step-Down Synchronous DC/DC Controller
APW7057KC-TR ANPEC-APW7057KC-TR Datasheet
154Kb / 14P
High Power Step-Down Synchronous DC/DC Controller
APW7057KC-TU ANPEC-APW7057KC-TU Datasheet
154Kb / 14P
High Power Step-Down Synchronous DC/DC Controller
More results

Similar Description - APW7057

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
Synchronous Step-Down DC / DC Controller ICs
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
High Power Step-Down Synchronous DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
Synchronous Step-Down DC-DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
Voltage, Synchronous Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com