Electronic Components Datasheet Search
  English  ▼

X  

APW7057 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7057
Description  High Power Step-Down Synchronous DC/DC Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7057 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7057 Datasheet HTML 1Page - Anpec Electronics Coropration APW7057 Datasheet HTML 2Page - Anpec Electronics Coropration APW7057 Datasheet HTML 3Page - Anpec Electronics Coropration APW7057 Datasheet HTML 4Page - Anpec Electronics Coropration APW7057 Datasheet HTML 5Page - Anpec Electronics Coropration APW7057 Datasheet HTML 6Page - Anpec Electronics Coropration APW7057 Datasheet HTML 7Page - Anpec Electronics Coropration APW7057 Datasheet HTML 8Page - Anpec Electronics Coropration APW7057 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jun., 2008
APW7057
www.anpec.com.tw
4
APW7057
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SOFT-START AND SHUTDOWN
TSS
Soft-Start Interval
-
2
-
mS
Shutdown Threshold
VOCSET Falling
-
1.25
-
V
OCSET Shutdown Hysteresis
-
20
-
mV
An over current condition will cycle the soft-start function.
After three consecutive cycles and if the fault condition
persists, the controller will be shut down. To restart the
controller, either recycle the V
CC supply or momentarily
pull the OSCSET pin below 1.25V.
VCC (Pin 5)
Electrical Characteristics (Cont.)
Unless otherwise specified, these specifications apply over V
CC=5V, VBOOT=12V and TA= 0~70
oC. Typical values are
at T
A
=25oC.
Function Pin Description
GND (Pin 3)
BOOT (Pin 1)
This pin provides the supply voltage to the high side
MOSFET driver. A voltage no greater than 13V can be con-
nected to this pin as a supply to the driver. For driving
logic level N-channel MOSEFT, a bootstrap circuit can be
use to create a suitable driver’s supply.
UGATE (Pin 2)
This pin provides gate drive for the high-side MOSFET.
Signal and power ground for the IC. All voltage levels are
measured with respect to this pin. Tie this pin to the ground
plane through the lowest impedance connection available.
LGATE (Pin 4)
This pin provides the gate drive signal for the low side
MOSFET.
This is the main bias supply for the controller and its low
side MOSFET driver. Must be closely decoupled to GND
(Pin 3). DO NOT apply a voltage greater than 5.5V to this
pin.
FB (Pin 6)
This pin is the inverting input of the error amplifier and it
receives the feedback voltage from an external resistive
divider across the output (V
OUT). The output voltage is de-
termined by:
VOUT = 0.8V(1+
)
ROUT
RGND
where ROUT is the resistor connected between VOUT
and FB while RGND is the resistor connected from FB to
GND.
OCSET (Pin 7)
This pin serves two functions: as a shutdown control and
for setting the over current limit threshold. Pulling this pin
below 1.25V shuts the controller down, forcing the UGATE
and LGATE signals to be at 0V. A soft-start cycle will be
initiated upon the release of this pin.
A resistor (R
ocset) connected between this pin and the drain
of the high side MOSFET will determine the over current
limit. An internally generated 40
µA current source will flow
through this resistor, creating a voltage drop. This volt-
age will be compared with the voltage across the high
side MOSFET. The threshold of the over current limit is
therefore given by:
IOI =
40uA x ROCSET
RDS(ON)
PHASE (Pin 8)
This pin is connected to the source of the high-side
MOSFET and is used to monitor the voltage drop across
the high-side MOSFET for over-current protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com