Electronic Components Datasheet Search
  English  ▼

X  

APW7057 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7057
Description  High Power Step-Down Synchronous DC/DC Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7057 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7057 Datasheet HTML 1Page - Anpec Electronics Coropration APW7057 Datasheet HTML 2Page - Anpec Electronics Coropration APW7057 Datasheet HTML 3Page - Anpec Electronics Coropration APW7057 Datasheet HTML 4Page - Anpec Electronics Coropration APW7057 Datasheet HTML 5Page - Anpec Electronics Coropration APW7057 Datasheet HTML 6Page - Anpec Electronics Coropration APW7057 Datasheet HTML 7Page - Anpec Electronics Coropration APW7057 Datasheet HTML 8Page - Anpec Electronics Coropration APW7057 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jun., 2008
APW7057
www.anpec.com.tw
2
Ordering and Marking Information
APW7057
Handling Code
Temperature Range
Package Code
Package Code
K : SOP-8
Operating Junction Temperature Range
C : 0 to 70 C
Handling Code
TR : Tape & Reel
APW7057 K :
APW7057
XXXXX
XXXXX - Date Code
°
Assembly Material
Assembly Material
L : Lead Free Device G : Halogen and Lead Free Device
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
VCC Supply Voltage (VCC to GND)
-0.3 ~ 7
V
VBOOT
BOOT Supply Voltage (BOOT to GND)
-0.3 ~ 15
V
PHASE, OCSET to GND Input Voltage
-0.3 ~ 12
V
FB to GND Input Voltage
-0.3 ~ VCC+0.3
V
Maximum Junction Temperature
125
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
SOP-8
160
oC/W
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VCC
VCC Supply Voltage
5
± 5%
V
VOUT
Output Voltage of the Switching Regulator
(Note)
0.8 ~ VCC
V
VIN
Input Voltage of the Switching Regulator
(Note)
3.3 ~ VCC
V
TA
Ambient Temperature
0 ~ 70
oC
TJ
Junction Temperature
0 ~ 125
oC
Note : Refer to the typical application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com