Electronic Components Datasheet Search
  English  ▼

X  

APW7057 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7057
Description  High Power Step-Down Synchronous DC/DC Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7057 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7057 Datasheet HTML 2Page - Anpec Electronics Coropration APW7057 Datasheet HTML 3Page - Anpec Electronics Coropration APW7057 Datasheet HTML 4Page - Anpec Electronics Coropration APW7057 Datasheet HTML 5Page - Anpec Electronics Coropration APW7057 Datasheet HTML 6Page - Anpec Electronics Coropration APW7057 Datasheet HTML 7Page - Anpec Electronics Coropration APW7057 Datasheet HTML 8Page - Anpec Electronics Coropration APW7057 Datasheet HTML 9Page - Anpec Electronics Coropration APW7057 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jun., 2008
APW7057
www.anpec.com.tw
6
VIN
+5V
V
OUT
+2.5V/10A
1uF
C2
1000uF x2
C5
1000uF x2
Q1
L1
3.3uH
UGATE
LGATE
4
VCC
GND
OCSET
7
PHASE
8
Q2
C1
1uF
2
U1
APW7057
FB
6
BOOT
1
D1
1N4148
R2
2.4k
C6
0.1uF
R1
5.1k
R4
8.2k
C4
0.1uF
Q3
Shutdown
R3
2.2
C7
470pF
C3
Q1: APM2014N UC
Q2: APM2014N UC
Q3: 2N7002
C2: 1000uF/10V, ESR = 25m
Ω
C5: 1000uF/6.3V, ESR = 25m
Ω
5
3
+
+
Typical Application Circuit
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com