Electronic Components Datasheet Search
  English  ▼

X  

APW8722 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW8722
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW8722 Datasheet HTML 3Page - Anpec Electronics Coropration APW8722 Datasheet HTML 4Page - Anpec Electronics Coropration APW8722 Datasheet HTML 5Page - Anpec Electronics Coropration APW8722 Datasheet HTML 6Page - Anpec Electronics Coropration APW8722 Datasheet HTML 7Page - Anpec Electronics Coropration APW8722 Datasheet HTML 8Page - Anpec Electronics Coropration APW8722 Datasheet HTML 9Page - Anpec Electronics Coropration APW8722 Datasheet HTML 10Page - Anpec Electronics Coropration APW8722 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
7
APW8722/A/B/C/D
Operating Waveforms
Refer to the typical application circuit. The test condition is V
IN=12V, TA= 25
oC unless otherwise specified.
Power On
Power Off
Enable
CH1: VEN, 5V/Div, DC
CH2: VOUT, 500mV/Div, DC
CH3: VPHASE, 10V/Div, DC
TIME: 1ms/Div
Shutdown
CH1: VIN, 5V/Div
CH2: VOUT, 500mV/Div
TIME: 1ms/Div
CH3: VUGATE, 10V/Div
CH3: VUGATE, 10V/Div
CH2: VOUT, 500mV/Div
TIME: 50ms/Div
CH1: VIN, 5V/Div
CH1: VCOMP, 1V/Div
CH2: VOUT, 500mV/Div
TIME: 10ms/Div
CH3: VPHASE, 10V/Div
1
3
2
VIN
VOUT
VUGATE
1
3
2
VIN
VOUT
VUGATE
VCOMP
VOUT
VPHASE
1
3
2
VCOMP
VOUT
VPHASE
1
3
2
RLOAD=12Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com