Electronic Components Datasheet Search
  English  ▼

X  

APW8722 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW8722
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW8722 Datasheet HTML 14Page - Anpec Electronics Coropration APW8722 Datasheet HTML 15Page - Anpec Electronics Coropration APW8722 Datasheet HTML 16Page - Anpec Electronics Coropration APW8722 Datasheet HTML 17Page - Anpec Electronics Coropration APW8722 Datasheet HTML 18Page - Anpec Electronics Coropration APW8722 Datasheet HTML 19Page - Anpec Electronics Coropration APW8722 Datasheet HTML 20Page - Anpec Electronics Coropration APW8722 Datasheet HTML 21Page - Anpec Electronics Coropration APW8722 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
18
APW8722/A/B/C/D
Application Information (Cont.)
Figure 8. Layout Guidelines
- Keep the switching nodes (UGATE, LGATE, and PHASE)
away from sensitive small signal nodes since these
nodes are fast moving signals. Therefore, keep traces
to these nodes as short as possible.
- The traces from the gate drivers to the MOSFETs (UG
and LG) should be short and wide.
- Place the source of the high-side MOSFET and the drain
of the low-side MOSFET as close as possible. Minimiz-
ing the impedance with wide layout plane between the
two pads reduces the voltage bounce of the node.
- Decoupling capacitor, compensation component, the
resistor dividers, and boot capacitors should be close
their pins. (For example, place the decoupling ceramic
capacitor near the drain of the high-side MOSFET as
close as possible. The bulk capacitors are also placed
near the drain).
- The input capacitor should be near the drain of the up-
per MOSFET; the output capacitor should be near the
loads. The input capacitor GND should be close to the
output capacitor GND and the lower MOSFET GND.
ances and the magnitude of voltage spike. And signal
and power grounds are to be kept separate till combined
using ground plane construction or single point
grounding. Figure 8. illustrates the layout, with bold lines
indicating high current paths; these traces must be short
and wide. Components along the bold lines should be
placed lose together. Below is a checklist for your layout:
Layout Consideration
In any high switching frequency converter, a correct lay-
out is important to ensure proper operation of the
regulator. With power devices switching at 300kHz,the
resulting current transient will cause voltage spike across
the interconnecting impedance and parasitic circuit
elements. As an example, consider the turn-off transition
of the PWM MOSFET. Before turn-off, the MOSFET is car-
rying the full load current. During turn-off, current stops
flowing in the MOSFET and is free-wheeling by the lower
MOSFET and parasitic diode. Any parasitic inductance of
the circuit generates a large voltage spike during the
switching interval. In general, using short and wide printed
circuit traces should minimize interconnecting imped
- The drain of the MOSFETs (V
IN and PHASE nodes) should
be a large plane for heat sinking.
- The R
OCSET resistance should be placed near the IC as
close as possible.
VCC
BOOT
PHASE
UGATE
LGATE
VIN
VOUT
L
O
A
D
APW8722
ROCSET
Close to IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com