Electronic Components Datasheet Search
  English  ▼

X  

APW8722 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW8722
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW8722 Datasheet HTML 2Page - Anpec Electronics Coropration APW8722 Datasheet HTML 3Page - Anpec Electronics Coropration APW8722 Datasheet HTML 4Page - Anpec Electronics Coropration APW8722 Datasheet HTML 5Page - Anpec Electronics Coropration APW8722 Datasheet HTML 6Page - Anpec Electronics Coropration APW8722 Datasheet HTML 7Page - Anpec Electronics Coropration APW8722 Datasheet HTML 8Page - Anpec Electronics Coropration APW8722 Datasheet HTML 9Page - Anpec Electronics Coropration APW8722 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
6
APW8722/A/B/C/D
Typical Operating Characteristics
0.59
0.595
0.6
0.605
0.61
-20
0
20
40
60
80
100
Junction Temperature (
)
oC
Reference Voltage vs. Junction
Temperature
VCC = 12V
120
250
260
270
280
290
300
310
320
330
340
350
Switching Frequency vs. Junction
Temperature
-20
0
20
40
60
80
100
120
Junction Temperature (
oC)
550
560
570
580
590
600
610
620
630
640
650
Switching Frequency vs. Junction
Temperature
-20
0
20
40
60
80
100
120
Junction Temperature (
oC)
0
2
4
6
8
10
-0.1
0
0.1
0.2
-0.2
Load Regulation
Output Current (A)
0.3
-0.3
-20
0
20
40
60
80
100
120
8.2
9.2
9.8
10.2
10.6
11
11.4
IOCSET vs. Junction Temperature
8.8
Junction Temperature (
oC)
60
65
70
75
80
85
90
0.1
1
10.0
20.0
Efficiency vs. Load Current
FSW=300KHz, VOUT=1.2V
VIN=12V
H-Side: APW3109x1
L-Side: APW3116x1
Output Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com