Electronic Components Datasheet Search
  English  ▼

X  

APW8802 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW8802
Description  High Input Voltage 8A PWM DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8802 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW8802 Datasheet HTML 1Page - Anpec Electronics Coropration APW8802 Datasheet HTML 2Page - Anpec Electronics Coropration APW8802 Datasheet HTML 3Page - Anpec Electronics Coropration APW8802 Datasheet HTML 4Page - Anpec Electronics Coropration APW8802 Datasheet HTML 5Page - Anpec Electronics Coropration APW8802 Datasheet HTML 6Page - Anpec Electronics Coropration APW8802 Datasheet HTML 7Page - Anpec Electronics Coropration APW8802 Datasheet HTML 8Page - Anpec Electronics Coropration APW8802 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jan., 2013
APW8802
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
High Input Voltage 8A PWM DC/DC Converter
Features
General Description
•
Operates from An Input Battery Voltage Range of
+3V to +25V
•
±1.6% 0.75V Reference
- Over Line, Load Regulation, and Operating Temp.
•
High Efficiency all Over 90% at V
OUT=1V, VIN=19V
Condition
•
Power-On-Reset Monitoring on PVCC and VCC Pins
•
Excellent Line and Load Transient Responses
•
Integrated 12m
Ω @ VCC=5V N-Channel MOSFET
For High Side
•
Integrated 12m
Ω @ VCC=5V N-Channel MOSFET
For Low Side
•
Programmable PWM Frequency from 100kHz to
500kHz
•
Built-in 1.2ms Digital Soft-Start & Soft-Stop
•
Built-in COT Mode Control for Fast Response and
MLCC Supports
•
Power Good Monitoring
•
70% Under-Voltage Protection
•
125% Over-Voltage Protection
•
Adjustable Current-Limit Protection
- Using Built-in Low-Side MOSFET’s R
DS(ON)
•
Over-Temperature Protection
•
TQFN5x6-28 (Power PAK) Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
•
Notebook
•
Table PC
•
Hand-Held Portable
•
AIO PC
The APW8802 is a 8A, synchronous, step-down converter
with integrated 12m
Ω N-channel High-Side MOSFET and
12m
Ω Low-Side MOSFET. The APW8802 steps down
high voltage to generate low-voltage chipset or RAM sup-
plies in notebook computers.
The APW8802 provides excellent transient response and
accurate DC voltage output in either PFM or PWM Mode.
In Pulse Frequency Mode (PFM), the APW8802 provides
very high efficiency over light to heavy loads with loading-
modulated switching frequencies. In PWM Mode, the con-
verter works nearly at constant frequency for low-noise
requirements.
The APW8802 is equipped with accurate current-limit,
output under-voltage, and output over-voltage protections,
perfect for NB applications. A Power-On-Reset function
monitors the voltage on V
PVCC and VCC to prevent wrong
operation during power-on. The APW8802 has a 1.2ms
digital soft-start and built-in an integrated output discharge
device for soft-stop. An internal integrated soft-start ramps
up the output voltage with programmable slew rate to
reduce the start-up current. A soft-stop function actively
discharges the output capacitors.
The APW8802 is available in TQFN5x6-28 (Power PAK)
package.
Simplified Application Circuit
V
OUT
L
OUT
EN
APW8802
V
IN
R
OCSET
OCSET
R
TON
TON
5V
LX
BOOT
VCC
FB
PVCC


Similar Part No. - APW8802

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
APW8804KBI-TRG ANPEC-APW8804KBI-TRG Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
APW8804QBI-TRG ANPEC-APW8804QBI-TRG Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
3A 5V 1MHz Synchronous Buck Converter
APW8805AQBI-TRG ANPEC-APW8805AQBI-TRG Datasheet
389Kb / 19P
3A 5V 1MHz Synchronous Buck Converter
More results

Similar Description - APW8802

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57120L MITSUBISHI-M57120L Datasheet
63Kb / 4P
HIGH VOLTAGE INPUT dc-dc CONVERTER
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
PWM DC/DC CONVERTER IC
logo
Powerex Power Semicondu...
M57184N-715B POWEREX-M57184N-715B Datasheet
149Kb / 4P
High Voltage Input DC-to-DC Converter
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Anpec Electronics Corop...
APW8713 ANPEC-APW8713 Datasheet
801Kb / 24P
High Input Voltage 8A PWM Converter With Adj. Soft Start
logo
Powerex Power Semicondu...
M57182N-315 POWEREX-M57182N-315 Datasheet
56Kb / 4P
High Voltage Input DC-to-DC Converter
logo
Unisonic Technologies
UC3552 UTC-UC3552_15 Datasheet
216Kb / 7P
PWM DC-DC CONVERTER
logo
New Japan Radio
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
PWM DC/DC Converter IC
logo
PULS GmbH
CD5.121 PULS-CD5.121 Datasheet
599Kb / 22P
DC/DC Converter 12V, 8A
logo
Toppower Electronic Tec...
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
5W Wide Input Voltage DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com