Electronic Components Datasheet Search
  English  ▼

X  

APW8802 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW8802
Description  High Input Voltage 8A PWM DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8802 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW8802 Datasheet HTML 14Page - Anpec Electronics Coropration APW8802 Datasheet HTML 15Page - Anpec Electronics Coropration APW8802 Datasheet HTML 16Page - Anpec Electronics Coropration APW8802 Datasheet HTML 17Page - Anpec Electronics Coropration APW8802 Datasheet HTML 18Page - Anpec Electronics Coropration APW8802 Datasheet HTML 19Page - Anpec Electronics Coropration APW8802 Datasheet HTML 20Page - Anpec Electronics Coropration APW8802 Datasheet HTML 21Page - Anpec Electronics Coropration APW8802 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jan., 2013
APW8802
www.anpec.com.tw
18
Application Information
Where 0.75 is the reference voltage, R
TOP is the resistor
connected from converter’s output to FB, and R
GND is the
resistor connected from FB to GND. Suggested R
GND is in
the range from 1k to 20k
Ω. To prevent stray pickup, locate
resistors R
TOP and RGND close to APW8802.
Output Inductor Selection
The duty cycle (D) of a buck converter is the function of the
input voltage and output voltage. Once an output voltage
is fixed, it can be written as:
IN
OUT
V
V
D
=
IN
OUT
SW
OUT
IN
RIPPLE
V
V
L
F
V
-
V
I
×
×
=
Output Capacitor Selection
The inductor value (L) determines the inductor ripple
current, I
RIPPLE, and affects the load transient reponse.
Higher inductor value reduces the inductor’s ripple cur-
rent and induces lower output ripple voltage. The ripple
current and ripple voltage can be approximated by:
ESR
RIPPLE
ESR
SW
OUT
RIPPLE
OUT
C
R
I
V
F
8C
I
V
×
=
∆
=
∆
Output Voltage Setting
The output voltage is adjustable from 0.75V to 5.5V with a
resistor-divider connected with FB, GND, and converter’s
output. Using 1% or better resistors for the resistor-di-
vider is recommended. The output voltage is determined
by:
Where F
SW is the switching frequency of the regulator.
Although the inductor value and frequency are increased
and the ripple current and voltage are reduced, a tradeoff
exists between the inductor’s ripple current and the regu-
lator load transient response time.
A smaller inductor will give the regulator a faster load
transient response at the expense of higher ripple current.
Increasing the switching frequency (F
SW) also reduces
the ripple current and voltage, but it will increase the
switching loss of the MOSFETs and the power dissipa-
tion of the converter. The maximum ripple current occurs
at the maximum input voltage. A good starting point is to
choose the ripple current to be approximately 30% of the
maximum output current. Once the inductance value has
been chosen, selecting an inductor which is capable of
carrying the required peak current without going into
saturation. In some types of inductors, especially core
that is made of ferrite, the ripple current will increase
abruptly when it saturates. This results in a larger output
ripple voltage. Besides, the inductor needs to have low
DCR to reduce the loss of efficiency.
Output voltage ripple and the transient voltage devia-
tion are factors which have to be taken into consider-
ation when selecting an output capacitor. Higher capaci-
tor value and lower ESR reduce the output ripple and
the load transient drop. Therefore, selecting high per-
formance low ESR capacitors is recommended for
switching regulator applications. In addition to high
frequency noise related to MOSFET turn-on and turn-
off, the output voltage ripple includes the capacitance
voltage drop
∆V
COUT and ESR voltage drop ∆VESR caused
by the AC peak-to-peak inductor’s current. These two
voltages can be represented by:
These two components constitute a large portion of the
total output voltage ripple. In some applications, multiple
capacitors have to be paralleled to achieve the desired
ESR value. If the output of the converter has to support
another load with high pulsating current, more capaci-
tors are needed in order to reduce the equivalent ESR
and suppress the voltage ripple to a tolerable level. A
small decoupling capacitor (1
µF) in parallel for bypass-
ing the noise is also recommended, and the voltage rat-
ing of the output capacitors are also must be considered.
To support a load transient that is faster than the switch-
ing frequency, more capacitors are needed for reducing
the voltage excursion during load step change. Another
aspect of the capacitor selection is that the total AC cur-
rent going through the capacitors has to be less than the
rated RMS current specified on the capacitors in order to
prevent the capacitor from over-heating.


 +
×
=
GND
TOP
OUT
R
R
1
0.75
V
Input Capacitor Selection
The input capacitor is chosen based on the voltage rating
and the RMS current rating. For reliable operation, select-
ing the capacitor voltage rating to be at least 1.3 times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com