Electronic Components Datasheet Search
  English  ▼

X  

APW8802 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW8802
Description  High Input Voltage 8A PWM DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8802 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW8802 Datasheet HTML 1Page - Anpec Electronics Coropration APW8802 Datasheet HTML 2Page - Anpec Electronics Coropration APW8802 Datasheet HTML 3Page - Anpec Electronics Coropration APW8802 Datasheet HTML 4Page - Anpec Electronics Coropration APW8802 Datasheet HTML 5Page - Anpec Electronics Coropration APW8802 Datasheet HTML 6Page - Anpec Electronics Coropration APW8802 Datasheet HTML 7Page - Anpec Electronics Coropration APW8802 Datasheet HTML 8Page - Anpec Electronics Coropration APW8802 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jan., 2013
APW8802
www.anpec.com.tw
3
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VCC
VCC Supply Voltage (VCC to GND)
-0.3 ~ 7
V
VPVCC
PVCC Supply Voltage (PVCC to PGND)
-0.3 ~ 7
V
VBOOT-GND
BOOT Supply Voltage (BOOT to GND)
-0.3 ~ 35
V
VBOOT
BOOT Supply Voltage (BOOT to LX)
-0.3 ~ 7
V
VIN
Input Power Voltage (VIN to GND)
-0.3 ~ 25
V
All Other Pins (VOUT, TON, EN, OCSET and FB to GND)
-0.3 ~ VCC+0.3
V
VLX
LX Voltage (LX to GND)
<400ns Pulse Width
>400ns Pulse Width
-5 ~ 35
-1 ~ 28
V
VPOK
POK Supply Voltage (POK to GND)
-0.3 ~ 7
V
VPGND
PGND to GND Voltage
-0.3 ~ 0.3
V
PD
Package Power Dissipation, TA=25
oC
2.5
W
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
(Note 2)
TQFN5x6-28
40
°C/W
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
is soldered directly on the PCB.
Symbol
Parameter
Range
Unit
V
IN
Converter Input Voltage
3 ~ 25
V
VCC, VPVCC
VCC, PVCC Supply Voltage
4.5 ~ 5.5
V
V
OUT
Converter Output Voltage
0.75 ~ 5.5
V
IOUT
Converter Output Current
0 ~ 8
A
T
A
Ambient Temperature
-40 ~ 85
oC
T
J
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 3)
Note 3: Refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com