Electronic Components Datasheet Search
  English  ▼

X  

APW8802 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW8802
Description  High Input Voltage 8A PWM DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8802 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW8802 Datasheet HTML 2Page - Anpec Electronics Coropration APW8802 Datasheet HTML 3Page - Anpec Electronics Coropration APW8802 Datasheet HTML 4Page - Anpec Electronics Coropration APW8802 Datasheet HTML 5Page - Anpec Electronics Coropration APW8802 Datasheet HTML 6Page - Anpec Electronics Coropration APW8802 Datasheet HTML 7Page - Anpec Electronics Coropration APW8802 Datasheet HTML 8Page - Anpec Electronics Coropration APW8802 Datasheet HTML 9Page - Anpec Electronics Coropration APW8802 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jan., 2013
APW8802
www.anpec.com.tw
6
Typical Operating Characteristics
Reference Voltage Accuracy vs.
Junction Temperature
OCSET Sourcing Current vs.
Junction Temperature
Switching Frequency vs.
Converter Output Current
Switching Frequency vs.
Converter Input Voltage
Efficiency vs.
Load Current F
SW=300kHz, VOUT=1.05V
Switching Frequency vs.
TON Resistance
Junction Temperature, T
J (
o
C)
-50 -30
10
50
90 110
150
70
30
-10
130
4
16
14
12
10
8
6
-50 -30
10
50
90 110
70
30
-10
Junction Temperature, T
J (
o
C)
0.740
0.745
0.750
0.755
0.760
Converter Output Current, I
OUT (A)
Automatic PFM/PWM Mode
Forced-PWM Mode
V
IN=19V,
V
OUT=1.05V,
F
SW=300kHz
0.001
0.01
0.1
1
10
0.1
100
1000
10
1
Converter Input Voltage, V
IN (V)
Forced-PWM MODE
340
320
300
280
260
7
11
13
15
17
19
21
9
Converter Output Current, I
OUT (A)
70
80
90
60
50
100
V
IN=19V,
Automatic PFM/PWM Mode
0.100
1.000
10.000
TON Resistance, R
TON (kΩ)
V
IN=19V, Forced-PWM Mode
V
OUT=1.05V
V
OUT=2.5V
0
600
800
700
400
500
300
200
100
100
700
600
500
400
300
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com