Electronic Components Datasheet Search
  English  ▼

X  

APW8811 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW8811
Description  System Power PWM Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW8811 Datasheet HTML 6Page - Anpec Electronics Coropration APW8811 Datasheet HTML 7Page - Anpec Electronics Coropration APW8811 Datasheet HTML 8Page - Anpec Electronics Coropration APW8811 Datasheet HTML 9Page - Anpec Electronics Coropration APW8811 Datasheet HTML 10Page - Anpec Electronics Coropration APW8811 Datasheet HTML 11Page - Anpec Electronics Coropration APW8811 Datasheet HTML 12Page - Anpec Electronics Coropration APW8811 Datasheet HTML 13Page - Anpec Electronics Coropration APW8811 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
10
Typical Application Circuit
C
LDO3
4.7µF
V
IN : 6V to 25V
C
BOOT2
0.22µF
C
OUT2
330µF/6.3Vx2
4mΩ
L
OUT2
2.2µH
C
IN2
10µF
Q3
APM4810
V
OUT2
3.3V/11A
R
BOOT2
0
C
BOOT1
0.1µF
C
OUT1
330µF/6.3V
9mΩ
L
OUT1
4.7µH
C
IN1
10µF
Q1
APM4810
V
OUT1
5V/7A
R
BOOT1
0
Q2
APM4810
Q4
APM4810
R
ILIM2
200k
C
REF
0.1µF
C
LDO5
4.7µF
ON
OFF
ON
OFF
R
POK
200k
R
ILIM1
200k
R
TOP1
30k
R
TOP2
13k
R
GND2
20k
R
GND1
20k
BOOT2
UGATE2
PHASE2
LGATE2
FB2
ILIM2
VOUT2
REF
BOOT1
UGATE1
PHASE1
LGATE1
FB1
VOUT1
PGND
PGND
LDO5
EN PWM
LDO3
VIN
EN LDO
ILIM1
SKIP#
GND
TON
POK
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com