Electronic Components Datasheet Search
  English  ▼

X  

APW8811 Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part # APW8811
Description  System Power PWM Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8811 Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Back Button APW8811 Datasheet HTML 11Page - Anpec Electronics Coropration APW8811 Datasheet HTML 12Page - Anpec Electronics Coropration APW8811 Datasheet HTML 13Page - Anpec Electronics Coropration APW8811 Datasheet HTML 14Page - Anpec Electronics Coropration APW8811 Datasheet HTML 15Page - Anpec Electronics Coropration APW8811 Datasheet HTML 16Page - Anpec Electronics Coropration APW8811 Datasheet HTML 17Page - Anpec Electronics Coropration APW8811 Datasheet HTML 18Page - Anpec Electronics Coropration APW8811 Datasheet HTML 19Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APW8811
www.anpec.com.tw
15
Function Description (Cont.)
Table 1. Operating Mode Truth Table
MODE
CONDITION
COMMENT
Run
ENLDO = 1, EN PWM =1
PWM is in normal operation.
Standby & Soft-Stop ENPWM=0, ENLDO=1
If PWMx is in shutdown, discharge switch (25
Ω) connects their
VOUTx to GND. LDOx and REF active.
Shutdown
EN PWM=0 and EN LDO=0
PWMx output discharge switch (25
Ω) connects VOUTx to GND.
LDOx discharge switch (40
Ω) connects LDOx to GND. In this
mode, all circuitry is off.
UVP
Either VOUT1, or VOUT2 < 70% of nominal
output voltage
The internal 25
Ω switch turns on to pull low output voltage.
LDOx and REF are active. Reset by toggling EN PWM or EN
LDO single.
OVP
Either VOUT1 and VOUT2 > 125% of normal
output voltage
LGATE of two PWM channel are forced high. LDO and REF
active. Reset by toggling ENPWM or ENLDO single.
OTP
TJ > +160
oC
All circuitry off. It is non-latch protection after the junction
temperature cools by 25
oC.
Table 2. Power-Up Control Logics
VENLDO
VEN PWM
LDO5
LDO3
PWM1
PWM2
Low
Don’t Care
OFF
OFF
OFF
OFF
High
Low
ON
ON
OFF
OFF
High
High
ON
ON
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com