Electronic Components Datasheet Search
  English  ▼

X  

AIC1340CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1340CS
Description  High Performance, Tripple-Ouput, Auto-Tracking Combo Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1340CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1340CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AIC1340
3
n ABSOLUTE MAXIMUM RATING
Absolute Maximum Ratings
Supply Voltage (VCC)..................................................................................................... 15V
UGATE.........................................................................................GND - 0.3V to VCC + 0.3V
LGATE .........................................................................................GND - 0.3V to VCC + 0.3V
Input Output and I/O Voltage ....................................................................... GND - 0.3V to 7V
Operating Conditions
Ambient Temperature Range ...............................................................................0
° C to 85°C
Maximum Operating Junction Temperature .................................................................... 100
°C
Supply Voltage, VCC..............................................................................................15V
±10%
Thermal Information
Thermal Resistance
θJA (°C/W)
SOIC Package ..............................................................................................100
°C/W
Maximum Junction Temperature (Plastic Package)......................................................... 150
°C
Maximum Storage Temperature Range............................................................. -65
°C to 150°C
Maximum Lead Temperature (Soldering 10s).................................................................. 300
°C
n TEST CIRCUIT
Refer to APPLICATION CIRCUIT.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com