Electronic Components Datasheet Search
  English  ▼

X  

AIC1340CS Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1340CS
Description  High Performance, Tripple-Ouput, Auto-Tracking Combo Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1340CS Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1340CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AIC1340
4
n ELECTRICAL CHARACTERISTICS (V
cc=12V, TJ=25
°C, Unless otherwise
specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
VCC SUPPLY CURRENT
Supply Current
UGATE, LGATE, GATE3 and
VOUT2 open
ICC
1.8
3
mA
POWER ON RESET
Rising VCC Threshold
VOCSET=4.5V
VCCTHR
8.6
9.5
10.4
V
Falling VCC Threshold
VOCSET=4.5V
VCCTHF
8.2
9.2
10.2
V
Rising VIN2 Under-Voltage
Threshold
VIN2THR
2.5
2.6
2.7
V
VIN2 Under-Voltage Hystere-
sis
VIN2HYS
130
mV
Rising VOCSET1 Threshold
VOCSETH
1.3
V
OSCILLATOR
Free Running Frequency
F
170
200
230
KHz
Ramp. Amplitude
∆V
OSC
1.3
VP-P
REFERENCE
FB2 Reference Voltage
VREF2
1.240
1.265
1.290
V
FB3 Reference Voltage
VREF3
1.250
1.275
1.300
V
LINEAR REGULATOR
Regulation
10mA<IOUT2<150mA
-1
+1
%
Under-Voltage Level
FB2 falling
FB2UV
70
82
%
Over-Current Protection
430
570
mA
Over-Current Protection
During Start-up
750
mA
LINEAR CONTROLLER
Regulation
0 < IGATE3 < 10mA
-2.5
+2.5
%
Under-Voltage Level
FB3 falling
FB3UV
70
80
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com