Electronic Components Datasheet Search
  English  ▼

X  

AIC1340CS Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1340CS
Description  High Performance, Tripple-Ouput, Auto-Tracking Combo Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1340CS Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  AIC1340CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AIC1340
6
Pin 7:
VIN2:
This pin supplies power to the in-
ternal regulator. Connect this pin
to a suitable 3.3V source.
Additionally, this pin is used to
monitor the 3.3V supply. If, fol-
lowing a start-up cycle, the volt-
age drops below 2.6V (typically),
the chip shuts down. A new soft-
start cycle is initiated upon return
of the 3.3V supply above the un-
der-voltage threshold.
Pin 8:
VOUT2: Output of the linear regulator.
Supplies current up to 500mA.
Pin 9:
GND:
Signal GND for IC. All voltage
levels are measured with respect
to this pin.
Pin 10: GATE3: Linear Controller output drive pin.
This pin can drive either a Dar-
lington NPN transistor or a N-
channel MOSFET.
Pin 11: FB3
Negative feedback pin for the
linear controller error amplifier
connect this pin to a resistor di-
vider to set the linear controller
output voltage.
Pin 12: COMP1 External compensation pin. This
pin is connected to error amplifier
output and PWM comparator. An
RC network is connected to FB1
in to compensate the voltage
control feedback loop of the con-
verter.
Pin 13: FB1
The error amplifier inverting input
pin. the FB1 pin and COMP1 pin
are used to compensate the volt-
age-control feedback loop.
Pin 14: OCSET: Current limit sense pin. Connect
a resistor ROCSET from this pin to
the drain of the external high-side
N-MOSFET. ROCSET, an internal
200
µA current source (I
OCSET),
and the upper N-MOSFET on-
resistance (RDS(ON)) set the over-
current trip point according to the
following equation:
I
I
R
R
PEAK
OCSET
OCSET
DS(ON)
=
×
Pin 15: PGND:
Driver power GND pin. PGND
should be connected to a low im-
pedance ground plane in close to
lower N-MOSFET source.
Pin 16: LGATE: Lower N-MOSFET gate drive pin.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com