Electronic Components Datasheet Search
  English  ▼

X  

AIC1340CS Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1340CS
Description  High Performance, Tripple-Ouput, Auto-Tracking Combo Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1340CS Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1340CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1340CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AIC1340
5
n ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
PWM CONTROLLER ERROR AMPLIFIER
DC GAIN
76
dB
Gain Bandwidth Product
GBWP
11
MHz
Slew Rate
COMP1=10pF
SR
6
V/
µS
PWM CONTROLLER GATE DRIVER
Upper Drive Source
VCC=12V, VUGATE=11V
RUGH
5.2
6.5
Ω
Upper Drive Sink
VCC=12V, VUGATE =1V
RUGL
3.3
5
Ω
Lower Drive Source
VCC=12V, VLGATE=11V
RLGH
4.1
6
Ω
Lower Drive Sink
VCC=12V, VLGATE=1V
RLGL
3
5
Ω
PROTECTION
OCSET Current Source
VOCSET=4.5VDC
IOCSET
170
200
230
µA
Soft-Start Current
ISS
11
µA
Chip Shutdown Soft Start
Threshold
1.0
V
n PIN DESCRIPTIONS
Pin 1:
PHASE: Over-current detection pin. Con-
nect the PHASE pin to source of
the
external
high-side
N-
MOSFET. This pin detects the
voltage drop across the high-side
N-MOSFET RDS(ON) for over-
current protection.
Pin 2:
UGATE: External
high-side
N-MOSFET
gate drive pin. Connect UGATE
to gate of the external high-side
N-MOSFET.
Pin 3:
SD:
To shut down the system, active
high or floating.
Pin 4:
VCC:
The chip power supply pin. It also
provides the gate bias charge for
all the MOSFETs controlled by
the IC. Recommended supply
voltage is 12V.
Pin 5:
SS:
Soft-start pin. Connect a capaci-
tor from this pin to ground. This
capacitor, along with an internal
10
µA (typically) current source,
sets the soft-start interval of the
converter.
Pulling this pin low will shut down
the IC.
Pin 6:
FB2:
Connect this pin to a resistor di-
vider to set the linear regulator
output voltage.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com