Electronic Components Datasheet Search
  English  ▼

X  

AIC1401CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1401CS
Description  PWM Step-Down Switching Controller with Shutdown
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1401CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1401CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AIC1401
2
n TYPICAL APPLICATION CIRCUIT
AIC1401
*C1
1µF
C5
33P
C6
1000P
C2
1000P
+
C4
330µFX3
+
C3
470
µF
R4
13K
R3
2K
R6
5K
R2
90.9K
R5 10
R1
2.2K
L2
7µH
L1
1.5
µH
D1
SRA1620
M1
IR3303
1.5V/5A
*C1 must be very close
to VCC PIN
VOUT
5V
12V
OCSET
/SHDN
COMP
FB
VCC
UG
LX
GND
DC/DC Converter
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC ....… ...……… ............................………… ......................................... 15V
Input, Output, or I/O Voltage ...............……………… ....…… ......... GND - 0.3V to VCC+0.3V
ESD Classification .............................………… .....…… ..............…… ......................... Class 2
Recommended Operating Conditions
Supply Voltage, V
CC....… ......................………… .......……… .................................. 12V ±10%
Ambient Temperature Range .… ................................………… .……… .................. 0
°C~70°C
Junction Temperature Range ....… ............……… .........… ..…… ......................... 0
°C~ 100°C
Thermal Information
Thermal Resistance,
θ
JA (Typical, Note 1)
SOIC Package ...............................……………………… ..…………… ........… . 100
°C/W
SOIC Package (with 3 in
2 of Copper) …………………………………… ......… .. 90
°C/W
Maximum Junction Temperature (Plastic Package) ……… .…… ..……… ................... 150
°C
Maximum Storage Temperature Range ………… ..………… ......…… .… ......... –65
°C~150°C
Maximum Lead Temperature (Soldering 10 Sec) ………………… ...…… ......… ......... 300
°C
Note 1:
θ
JA
is measured with the component mounted on an evaluation PC board in free air.
n TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com