Electronic Components Datasheet Search
  English  ▼

X  

AIC1401CS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1401CS
Description  PWM Step-Down Switching Controller with Shutdown
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1401CS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1401CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AIC1401
PWM Step-Down Switching Controller with
Shutdown
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1401-00 May 24, 01
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Operation Voltage up to 15V
l
Voltage-Mode Operation
l
Fast Transient Response
l
Built In Accurate 1.3V Voltage Reference
l
Adjustable
Over
Current
Protection
using
RDS(ON) No External Current Sense Resistor
Required
l
Low Shutdown Current
l
200KHz Free-Running Oscillator
l
Built in Soft Start.
n APPLICATIONS
l
Notebook PC
l
Advanced PC Mboards
l
Information PCs
l
Servers and Workstations
l
PC Add-On Cards
n DESCRIPTION
The AIC1401 is a high efficiency, PWM step-
down, voltage-mode, switching controller. It is
suitable for IA, Notebook, LCD PC and LCD
monitor main power applications.
The built-in high voltage CMOS driver drives an
external N-channel MOSFET for replacing the
higher cost P-channel MOSFET in a standard
buck topology.
The 200KHz switching frequency allows using
smaller external components while maintaining
high
conversion
efficiency.
The
11MHz
bandwidth and 6V/us slew rate of the error
amplifier
ensures
the
higher
converter
bandwidth and the fast transient response.
The
AIC1401
also
features
over
current
protection. It provides adjustable over current
trigger point and short-circuit protections by
sensing the output current across the on
resistance of the external N-channel MOSFET
rather then an expensive external low value
sense resistor.
n ORDERING INFORMATION
ORDER NUMBER
AIC1401CS
(SOP8)
PIN CONFIGURATION
TOP VIEW
LX
1
3
4
2
VCC
/SHDN
COMP
FB
UG
GND
8
6
5
7
OCSET
PACKAGE TYPE
S: SMALL OUTLINE
TEMPERATURE RANGE
C: 0
°C ~+70°C
AIC1401-XX


Similar Part No. - AIC1401CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
AIC1084-15CE AIC-AIC1084-15CE Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
AIC1084-15CM AIC-AIC1084-15CM Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
AIC1084-15CMA AIC-AIC1084-15CMA Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
AIC1084-15CT AIC-AIC1084-15CT Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
More results

Similar Description - AIC1401CS

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Silicon Standard Corp.
SS6401 SSC-SS6401 Datasheet
481Kb / 6P
Step-Down DC/DC Controller with Shutdown
SS6580 SSC-SS6580 Datasheet
422Kb / 8P
Step-Down DC/DC Controller with Shutdown
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Seiko Instruments Inc
S8533 SII-S8533 Datasheet
1Mb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com