Electronic Components Datasheet Search
  English  ▼

X  

AIC1401CS Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1401CS
Description  PWM Step-Down Switching Controller with Shutdown
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1401CS Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1401CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AIC1401
4
n PIN DESCRIPTIONS
PIN 1: OCSET- Current limit sense pin. Connect
a resistor ROCSET from this pin to
the
drain
of
the
external
MOSFET. ROCSET, an internal
200
µA current source (I
OCSET),
and the external MOSFET on-
resistance (RDS(ON)) jointly set
the
overcurrent
trip
point
according
to
the
following
equation:
I
I
R
R
PEAK
OCSET
OCSET
DS(ON
=
×
)
If FB pin voltage is sensed to be
below
50%
of
the
internal
voltage
reference,
the
overcurrent comparator cycles
the soft-start function.
PIN 2: /SHDN - Shutdown pin. Connect this pin
to ground for shutdown.
PIN 3: COMP - External compensation pin. This
pin
is
connected
to
error
amplifier
output
and
PWM
comparator. A RC network is
connected
to
FB
pin
to
compensate the voltage-control
feedback loop of the converter.
PIN 4: FB
- The
error
amplifier
inverting
input pin. The FB pin and COMP
pin are used to compensate the
voltage-control feedback loop.
PIN 5: GND
- Ground pin.
PIN 6: LX
- Overcurrent
detection
pin.
Connect the LX pin to source of
the external N-MOSFET. This
pin
detects
the
voltage
drop
across the MOSFET R
DS( ON)
for
overcurrent protection.
PIN 7: UG
- External MOSFET gate drive pin.
Connect this pin to gate of the
external MOSFET.
PIN 8: VCC
- The
chip
power
supply
pin.
Recommended supply voltage is
12V.
n APPLICATION CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com