Electronic Components Datasheet Search
  English  ▼

X  

AIC1401CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1401CS
Description  PWM Step-Down Switching Controller with Shutdown
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1401CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1401CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1401CS Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AIC1401
3
n ELECTRICAL CHARACTERISTICS (VCC= 12V, Ta=25°C, unless otherwise
specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX. UNIT
VCC Supply Current
Nominal Supply
UGATE Open
IVCC
2
mA
Power-On Reset
VCC Threshold
VOCSET=4.5V
9.5
V
Oscillator
Frequency
200
KHz
Duty Cycle
88
%
Internal Reference Voltage
Reference Voltage
1.27
1.30
1.33
V
Error Amplifier
DC Gain
76
dB
Gain-Bandwidth Product
GBW
11
MHz
Slew Rate
SR
6
V/
µS
Gate Driver
Upper Gate Source
RUGATE
7
Ω
Upper Gate Sink
RUGATE
5
Ω
Protection
OCSET Current Source
VOCSET =4.5VDC
IOCSET
200
µA
SS Current
ISS
10
µA
Shutdown
Shutdown Low Input
VINL
0.35
V
Shutdown High Input
VINH
2
V
Shutdown Mode Current
1
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com