Electronic Components Datasheet Search
  English  ▼

X  

AIC1567CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1567CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1567CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1567CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AIC1567
2
ORDERING INFORMATION
AIC1567 XX
PACKAGE TYPE
S: SMALL OUTLINE
TEMPERATURE RANGE
C: 0
°C~70°C
PIN CONFIGURATION
ORDER NUMBER
AIC1567CS
(PLASTIC SO)
TOP VIEW
RT
OVP
VCC
LGATE
PGND
BOOT
UGATE
PHASE
PGOOD
GND
LIDRI
VLFB
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
VSEN
OCSET
SS
VID0
VID1
VID2
VID3
VID4
COMP
FB
CLP
CLN
9
10
11
12
16
15
14
13
TYPICAL APPLICATION CIRCUIT
VSEN
RT
OCSET
OVP
SS
VCC
VID0
LGATE
VID1
PGND
VID2
BOOT
VID3
UGATE
VID4
PHASE
COMP PGOOD
FB
GND
CLP
LIDRI
CLN
VLFB
C2
0.1
µF
C1
1
µF
C5
1000pF
C7
33pF
C6
1000pF
0.1
µF
+
C1
1000
µF
5V
137
1%
R3
47K
R5
3.01K
Ω
R6
90.9K
R2
2.2K
C8
R1
237
1%
R7
+
1000
µF
x 8
R4
15K
D1
M2
VID0
VID1
VID2
VID3
VID4
VCORE
VI/O
3.3V
10A
12V
AIC1567
M3
FD3055
0.1
µF
R8
1.2M
C3
1000
µF x 3
3
µH
L2
M1
+
L1
1
µH
5V
C4
Pentium
II V
CORE and VI/O DC/DC Converter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com