Electronic Components Datasheet Search
  English  ▼

X  

AIC1567CS Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1567CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1567CS Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1567CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AIC1567
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reference and DAC
DACOUT Voltage Accuracy
VDAC=1.8V ~3.5V
-1.0
+1.0
%
Error Amplifier
DC Gain
76
dB
Gain-Bandwidth Product
GBW
11
MHz
Slew Rate
SR
6
V/
µS
Gate Driver
Upper Gate Source
RUGATE
8.0
12
Ω
Upper Gate Sink
RUGATE
5.5
10
Ω
Lower Gate Source
RLGATE
8.0
12
Ω
Lower Gate Sink
RLGATE
5.5
10
Ω
Protection
Over-Voltage Trip (VSEN/DACOUT)
106
115
125
%
OCSET Current Source
VOCSET=4.5VDC
IOCSET
170
200
230
µA
OVP Sourcing Current
VVSEN=5.5V, VOVP=0V
IOVP
30
mA
Soft Start Current
ISS
10
µA
Soft Start Sink Current under
Current Limit
VVSEN =VDAC, VOCSET=5.0V,
VPHASE =0V,
VFB=VDAC=50mV
130
µA
Soft Start Sink Current under
Hard Current Limit
VVSEN =0, VOCSET=5.0V,
VPHASE=0V, VFB=0V
65
mA
Power Good
Upper Threshold (VVSEN /VDAC )VVSEN Rising
106
114
%
Lower Threshold (VVSEN / VDAC )VVSEN Falling
84
94
%
Hysteresis (VVSEN / VDAC )
Upper and Lower Threshold
2
%
PGOOD Voltage Low
IPGOOD=5mA
VPGOOD
0.5
V
Linear Regulator
VLFB Feedback Voltage
1.18
1.21
1.24
V
VLFB Bias Current
40
nA
LIDRI Sourcing Current
10
mA
Current Limiting Threshold
10
20
30
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com