Electronic Components Datasheet Search
  English  ▼

X  

AIC1567CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1567CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1567CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1567CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AIC1567
3
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC ....…..................................……………........................................... 15V
Boot Voltage, V
BOOT
………...................……………...................................................... 15V
Input, Output, or I/O Voltage .....…….........……………......…....... GND -0.3V to VCC+0.3V
ESD Classification
...........................…………......................……......................... Class 2
Recommended Operating Conditions
Supply Voltage, V
CC ....…...................…………………..........................…….......... 12V
±10%
Ambient Temperature Range ....……………………............................................ 0
°C ~ 70°C
Junction Temperature Range ....…………………….......................................... 0
°C ~100°C
Thermal Information
Thermal Resistance,
θJA (Typical, Note 1)
SOIC Package .....................…….........……………………………….........…. 100
°C/W
SOIC Package (with 3 in2 of Copper) …………………………………......….. 90
°C/W
Maximum Junction Temperature (Plastic Package) ….……………….…................... 150
°C
Maximum Storage Temperature Range ……………………..……......…......... -65
°C~150°C
Maximum Lead Temperature (Soldering 10 sec) …………………………......…......... 300
°C
Note 1: symbol
θJA is measured with the component mounted on an evaluation PC board in free air.
TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.
ELECTRICAL CHARACTERISTICS (VCC= 12V, Ta=25°°°°C, unless otherwise
specified.)
PARAMETER
TEST CONDITIONS
SYMBOL MIN.
TYP.
MAX.
UNIT
VCC Supply Current
Nominal Supply
UGATE Open
IVCC
2mA
Power-On Reset
VCC Threshold
VOCSET=4.5V
7
8.5
V
Rising VOCSET Threshold
1.26
V
Oscillator
Free Running Frequency
RT Open
170
200
230
KHz
Total Variation
6K
Ω< RT<200KΩ
-20
+20
%
Ramp Amplitude
RT Open
∆VOSC
1.5
VP-P



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com