Electronic Components Datasheet Search
  English  ▼

X  

AIC1567CS Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1567CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1567CS Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  AIC1567CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1567CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AIC1567
6
PIN DESCRIPTIONS
PIN 1: VSEN
- Converter output voltage sense
pin. Connect this pin to the
converter output. The PGOOD
and OVP comparator circuits use
this signal to report output
voltage
status
and
for
overvoltage protection function.
PIN 2: OCSET - Current limit sense pin. Connect
a resistor R
OCSET from this pin to
the
drain
of
the
external
MOSFET. R
OCSET,
an internal
200
µA current source (IOCS), and
the
external
MOSFET
on-
resistance (RDS(ON)) jointly set
the
over
current
trip
point
according
to
the
following
equation:
I
IR
R
PEAK
OCS
OCSET
DS ON
=
×
()
If FB pin voltage is sensed to be
below 50% of the internal
voltage reference VDAC, the
over current comparator cycles
the soft-start function.
PIN 3: SS
- Soft
start
pin.
Connect
a
capacitor from this pin to ground.
An internal 10
µA current source
provides soft start function for
the converter.
PIN 4: VID0
PIN 5: VID1
PIN 6: VID2
PIN 7: VID3
PIN 8: VID4
- 5-bit DAC voltage select pin. TTL
inputs used to set the internal
voltage reference VDAC. When
left
open,
these
pins
are
internally pulled up to 5V and
provide logic ones. The level of
VDAC sets the converter output
voltage as well as the PGOOD
and OVP thresholds.
Table 1 specifies the VDAC
voltage for the 32 combinations
of DAC inputs.
PIN 9: COMP - External compensation pin. This
pin
is
connected
to
error
amplifier
output
and
PWM
comparator. An RC network is
connected
to
FB
pin
to
compensate the voltage-control
feedback loop of the converter.
PIN 10: FB
- The error amplifier inverting
input pin. The FB pin and COMP
pin are used to compensate the
voltage-control feedback loop.
PIN 11: CLP
- Linear regulator current sense
pin. This pin is the positive input
of the current sense comparator.
PIN 12: CLN
- Linear regulator current sense
pin. This pin is the negative input
of the current sense comparator.
PIN 13: VLFB - Negative feedback pin for the
linear regulator error amplifier.
PIN 14: LIDRI - Linear regulator output drive pin.
This pin can drive either a
Darlington NPN or an N-channel
MOSFET.
PIN 15: GND
- Signal GND. It also serves as
the power GND for the upper
gate driver.
PIN 16: PGOOD-Power
good
indicator
pin.
PGOOD is an open drain output.
This pin is pulled low when the
converter output is
±10% out of
the VDAC reference voltage.
Table 1. Output Voltage Program
VID4
VID3
VID2
VID1
VID0
VDAC
1000
0
3.5V
1000
1
3.4V
1001
0
3.3V
1001
1
3.2V
1010
0
3.1V
1010
1
3.0V
1011
0
2.9V
1011
1
2.8V
1100
0
2.7V
1100
1
2.6V
1101
0
2.5V
1101
1
2.4V
1110
0
2.3V
1110
1
2.2V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com