Electronic Components Datasheet Search
  English  ▼

X  

APA3160 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APA3160
Description  20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3160 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APA3160 Datasheet HTML 14Page - Anpec Electronics Coropration APA3160 Datasheet HTML 15Page - Anpec Electronics Coropration APA3160 Datasheet HTML 16Page - Anpec Electronics Coropration APA3160 Datasheet HTML 17Page - Anpec Electronics Coropration APA3160 Datasheet HTML 18Page - Anpec Electronics Coropration APA3160 Datasheet HTML 19Page - Anpec Electronics Coropration APA3160 Datasheet HTML 20Page - Anpec Electronics Coropration APA3160 Datasheet HTML 21Page - Anpec Electronics Coropration APA3160 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2013
www.anpec.com.tw
18
APA3160
Function Description (Cont.)
Dynamic Range Control (DRC)
The DRC scheme has a single threshold, offset, and slope (all programmable). There is one ganged DRC for the left/
right channels.
The DRC input/output diagram is shown in Figure 15.
Professional-quality dynamic range compression automatically ad-
justs volume to flatten volume level.
• One DRC for left/right.
• The DRC has adjustable threshold, offset, and compression levels.
• Programmable energy, attack, and decay time constants.
• Transparent compression: compressors can attack fast enough to
avoid apparent clipping before engaging, and decay times can be set
slow enough to avoid pumping.
Figure 15. Dynamic Range Control
T
Input Level (dB)
K
O
1:1 Transfer Function
Implemented Transfer Function
Energy Filter
Compression
Control
Attack and
Decay Filters
α, ω
T, K, O
α
a, ωa/αd, ωd
0x3B/0x3C
0x40,0x41,0x42
0x3A
DRC
Audio Input
DRC
Coefficient
Σ
Z-1
α
ω
Alpha Filter Structure
Note :
ω=1-α
Figure 16. DRC Structure
Biquad Structure
All biquads use a 2nd order IIR filter structure as shown below. Each biquad has 3 coefficients on the direct path (b0,
b1, b2) and 2 coefficients on feedback path (a1 and a2) which is shown in the diagram.
Σ
Z-1
Z-1
Z-1
Z-1
Magnitude
Trunction
x(n)
y(n)
b
0
b
1
b
2
a
1
a
2
Figure 17. Biquad Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com