Electronic Components Datasheet Search
  English  ▼

X  

APA3160 Datasheet(PDF) 32 Page - Anpec Electronics Coropration

Part # APA3160
Description  20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3160 Datasheet(HTML) 32 Page - Anpec Electronics Coropration

Back Button APA3160 Datasheet HTML 28Page - Anpec Electronics Coropration APA3160 Datasheet HTML 29Page - Anpec Electronics Coropration APA3160 Datasheet HTML 30Page - Anpec Electronics Coropration APA3160 Datasheet HTML 31Page - Anpec Electronics Coropration APA3160 Datasheet HTML 32Page - Anpec Electronics Coropration APA3160 Datasheet HTML 33Page - Anpec Electronics Coropration APA3160 Datasheet HTML 34Page - Anpec Electronics Coropration APA3160 Datasheet HTML 35Page - Anpec Electronics Coropration APA3160 Datasheet HTML 36Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2013
www.anpec.com.tw
32
APA3160
Function Description (Cont.)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
-
-
-
1
0
0
0
0
164.6ms 50% duty cycle start/stop period
-
-
-
1
0
0
0
1
239.4ms 50% duty cycle start/stop period
-
-
-
1
0
0
1
0
314.2ms 50% duty cycle start/stop period
-
-
-
1
0
0
1
1
403.9ms 50% duty cycle start/stop period
-
-
-
1
0
1
0
0
538.6ms 50% duty cycle start/stop period
-
-
-
1
0
1
0
1
703.4ms 50% duty cycle start/stop period
-
-
-
1
0
1
1
0
942.5ms 50% duty cycle start/stop period
-
-
-
1
0
1
1
1
1256.6ms 50% duty cycle start/stop period
-
-
-
1
1
0
0
0
1728.1ms 50% duty cycle start/stop period
-
-
-
1
1
0
0
1
2513.6ms 50% duty cycle start/stop period
-
-
-
1
1
0
1
0
3299.1ms 50% duty cycle start/stop period
-
-
-
1
1
0
1
1
4241.7ms 50% duty cycle start/stop period
-
-
-
1
1
1
0
0
5655.6ms 50% duty cycle start/stop period
-
-
-
1
1
1
0
1
7383.7ms 50% duty cycle start/stop period
-
-
-
1
1
1
1
0
9897.3ms 50% duty cycle start/stop period
-
-
-
1
1
1
1
0
13196.4ms 50% duty cycle start/stop period
Start/Stop Period Register (0x1A) (Cont.)
Table 13. Start/Stop Period Register (0x1A)
Note: Italic is default.
Input Multiplexer Register (0x20)
This register controls the modulation scheme (BD mode) as well as the routing of I2S audio to the internal channels.
Table 14. Input Multiplexer Register (0x20)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
0
Reserved
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
-
-
-
-
-
-
-
Reserved
1
-
-
-
-
-
-
-
Channel 1 BD mode
-
0
0
0
-
-
-
-
SDIN-L to Channel 1
-
0
0
1
-
-
-
-
SDIN-R to Channel 1
-
0
1
0
-
-
-
-
Reserved
-
0
1
1
-
-
-
-
Reserved
-
1
0
0
-
-
-
-
Reserved
-
1
0
1
-
-
-
-
Reserved
-
1
1
0
-
-
-
-
Ground (0) to channel 1
-
1
1
1
-
-
-
-
Reserved
-
-
-
-
0
-
-
-
Reserved
-
-
-
-
1
-
-
-
Channel-2 BD mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com