Electronic Components Datasheet Search
  English  ▼

X  

APA3160 Datasheet(PDF) 33 Page - Anpec Electronics Coropration

Part # APA3160
Description  20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3160 Datasheet(HTML) 33 Page - Anpec Electronics Coropration

Back Button APA3160 Datasheet HTML 29Page - Anpec Electronics Coropration APA3160 Datasheet HTML 30Page - Anpec Electronics Coropration APA3160 Datasheet HTML 31Page - Anpec Electronics Coropration APA3160 Datasheet HTML 32Page - Anpec Electronics Coropration APA3160 Datasheet HTML 33Page - Anpec Electronics Coropration APA3160 Datasheet HTML 34Page - Anpec Electronics Coropration APA3160 Datasheet HTML 35Page - Anpec Electronics Coropration APA3160 Datasheet HTML 36Page - Anpec Electronics Coropration APA3160 Datasheet HTML 37Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2013
www.anpec.com.tw
33
APA3160
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
-
-
-
-
-
0
0
0
SDIN-L to Channel 2
-
-
-
-
-
0
0
1
SDIN-R to Channel 2
-
-
-
-
-
0
1
0
Reserved
-
-
-
-
-
0
1
1
Reserved
-
-
-
-
-
1
0
0
Reserved
-
-
-
-
-
1
0
1
Reserved
-
-
-
-
-
1
1
0
Ground (0) to channel 2
-
-
-
-
-
1
1
1
Reserved
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
1
1
1
0
1
1
1
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
1
1
1
0
0
1
0
Reserved
Function Description (Cont.)
Input Multiplexer Register (0x20) (Cont.)
Table 14. Input Multiplexer Register (0x20)
Note: Italic is default.
Pwm Output Mux Register (0x25)
This DAP output mux selects which internal PWM channel is output to the external pins. Any channel can be output to
any external output pin.
Bits D21-D20: Selects which PWM channel is output to OUT_A
Bits D17-D16: Selects which PWM channel is output to OUT_B
Bits D13-D12: Selects which PWM channel is output to OUT_C
Bits D09-D08: Selects which PWM channel is output to OUT_D
Note that channels are enclosed so that channel 1=0x00, channel 2=0x01, channel 1=0x02, and channel 2=0x03.
Table 15. PWM Output Mux Register (0x25)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
0
Reserved
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
0
-
-
-
-
-
-
Reserved
-
-
0
0
-
-
-
-
Multiplex channel 1 to OUT_A
-
-
0
1
-
-
-
-
Multiplex channel 2 to OUT_A
-
-
1
0
-
-
-
-
Multiplex channel 1 to OUT_A
-
-
1
1
-
-
-
-
Multiplex channel 2 to OUT_A
-
-
-
-
0
0
-
-
Reserved
-
-
-
-
-
-
0
0
Multiplex channel 1 to OUT_B
-
-
-
-
-
-
0
1
Multiplex channel 2 to OUT_B
-
-
-
-
-
-
1
0
Multiplex channel 1 to OUT_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com