Electronic Components Datasheet Search
  English  ▼

X  

AIC1628CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1628CS
Description  3-Cell, High-Efficiency, Step-Up DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1628CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1628CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AIC1628
2
ORDERING INFORMATION
AIC1628 XX
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
TEMPERATURE RANGE
C=0
°C~+70°C
ORDER NUMBER
AIC1628CN
(PLASTIC DIP
)
PIN CONFIGURATION
AIC1628CS
(PLASTIC SO)
TOP VIEW
DLOW
1
3
4
2
8
6
5
7
CL
VREF
SHDN
FB
DHI
GND
VIN
ABSOLUTE MAXIMUM RATINGS
VIN Supply Voltage (VIN Pin)
...........................……………..............................................
24V
SHDN Pin Voltage
.........................................……………................................................
15V
Operating Temperature Range
.........................………….......................................
0
°C~70°C
Storage Temperature Range
..........................…………..................................
-65
°C~ 150°C
TEST CIRCUIT
Refer to Typical Application Circuit
ELECTRICAL CHARACTERISTICS (V
IN= 13V, Ta=25
°°°°C, unless otherwise
specified.)
PARAMETERS
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
4
24
V
Quiescent Current
VFB = 1.5V
100
200
µA
Shutdown Mode Current
VSHDN = 0V
8
20
µA
VREF Voltage
ISOURCE = 250
µA
1.16
1.22
1.28
V
VREF Source Current
250
µA
DLOW “ON Resistance”
15
Ω
DHI “ON Resistance”
10
Ω
CL Threshold
VIN - VCL
45
60
75
mV
Shutdown Threshold
0.8
1.5
2.4
V
Shutdown Input Leakage
Current
VSHDN < 15V
1
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com