Electronic Components Datasheet Search
  English  ▼

X  

AIC1628CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1628CS
Description  3-Cell, High-Efficiency, Step-Up DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1628CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1628CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AIC1628
3
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency vs VIN Voltage
VIN (V)
4
9
14
19
24
80
130
180
230
280
Ta= 0
°C
Ta= 25
°C
Ta= 70
°C
Duty Cycle vs VIN Voltage
100
VIN (V)
30
40
50
60
70
80
90
4
9
14
19
24
Ta= 70
°C
Ta= 25
°C
Ta= 0
°C
Quiescent Current vs VIN Voltage
60
70
80
90
100
110
49
14
19
24
Ta= 0
°C
Ta= 25
°C
Ta= 70
°C
VIN (V)
Current Limit Threshold vs Temperature
Temperature (
°C)
0
20
406080
50
55
60
65
70
75
VIN = 5V
VIN = 20V
VIN = 13V
Reference Voltage vs Temperature
0
204060
80
1.1
1.15
1.2
1.25
1.3
Temperature (
°C)
VIN = 5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com