Electronic Components Datasheet Search
  English  ▼

X  

AIC1628CS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1628CS
Description  3-Cell, High-Efficiency, Step-Up DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1628CS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1628CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AIC1628
3-Cell, High-Efficiency, Step-Up DC/DC Converter
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1628-00
TEL: 886-3-5772500
FAX: 886-3-5772510
1
FEATURES
4V to 24V Input Voltage Operation.
Adjustable Output Voltage.
Low Quiescent Current at 100
µA.
Pulse-Skipping and Pulse-Frequency Modulation
Maintain High Efficiency (max. 95%).
90KHz to 250KHz Oscillator Frequency.
Power-Saving Shutdown Mode (8
µA Typical).
Push-Pull Driver Output.
APPLICATIONS
Flash Memory Programming Power Supply.
Positive LCD Contrast Bias for Notebook &
Palmtop Computers.
Step-Up DC/DC Converter Module.
Telecom Power Supply.
DESCRIPTION
The AIC1628 is a high performance step-up
DC/DC converter, designed to drive an external
power switch to generate programmable posi-
tive voltages. In the particularly suitable LCD
contrast bias and flash memory programming
power supply applications, typical full-load effi-
ciencies are 85% to 95%. 4V to 24V input op-
eration range allows the AIC1628 to be powered
directly by the battery pack in the most battery-
operated applications for greater efficiency.
Output voltage can be scaled to 40V or greater
by two external resistors. A Pulse-Frequency
Modulation scheme is employed to maintain
high efficiency conversion under wide input
voltage range. Quiescent current is about
100
µA and can be reduced to 8µA in shutdown
mode. Switching frequency being around 90KHz
to 250KHz range, small size switching compo-
nents are ideal for battery powered portable
equipments, like notebook and palmtop com-
puters.
TYPICAL APPLICATION CIRCUIT
AIC1628
CL
DHI
DLOW
FB
GND
SHDN
VIN
VREF
+36V
>50mA
VOUT
1N5819
C5
+
C6
VIN
+5V ~ 24V
C1
120
µF
+
5V
*Buss Fuse MCR-2A
**Sumida CDR105
*Fuse
60m
Ω
68
µH
C2
R1
470K
R2
16.5K 0.033µF
C3
220
µF
0.1
µF
D1
2SK940
0.01
µF
C4
**L1
Q1
Load Current (mA)
VIN=13V
0
50
100
150
200
80
85
90
95
VIN=18V
VIN=9V
VIN=5V
VOUT=36V
Color LCD Contrast Bias Supply
Efficiency vs. Output Current


Similar Part No. - AIC1628CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1620COTR AIC-AIC1620COTR Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1621 AIC-AIC1621 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1621COTR AIC-AIC1621COTR Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1622 AIC-AIC1622 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
More results

Similar Description - AIC1628CS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Analog Intergrations Co...
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
3-Pin One-Cell Step-Up DC/DC Converter
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com