Electronic Components Datasheet Search
  English  ▼

X  

AIC1628CS Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1628CS
Description  3-Cell, High-Efficiency, Step-Up DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1628CS Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1628CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1628CS Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AIC1628
4
BLOCK DIAGRAM
+
-
+
-
ERROR COMPARATOR
LATCH
CURRENT LIMIT
COMPARATOR
1.22V
REFERENCE
VOLTAGE
PFM
OSCILLATOR
VREF
VIN
SHDN
4
3
2
1
FB
OUTPUT DRIVER
VIN
VIN
60mV
DHI
DLOW
CL
8
7
6
5
GND
PIN DESCRIPTIONS
PIN 1: VIN
- 4V to 24V input supply voltage.
PIN 2: VREF - 1.22V reference output. Bypass
with a 0.047
µF capacitor to GND.
Sourcing capability is guaran-
teed to be greater than 250
µA.
PIN 3: SHDN - Logical input to shutdown the
chip.
>1.5V = normal operation,
GND = Shutdown,
Can not be floating or forced
greater than 15V. In shutdown
mode DLOW and DHI pins are
at low level.
PIN 4: FB-
Feedback signal input to sense
VREF. Connecting a resistance
R1 to VOUT and a resistance R2
to GND yields the output voltage:
VOUT = (R1+R2)/R2 x VREF
(Refer to typical application cir-
cuit)
PIN 5: GND - Power ground.
PIN 6: DLOW -Driver sinking output. Connected to
gate of the external N-channel MOS-
FET or base of the NPN bipolar tran-
sistor.
PIN 7: DHI
- Driver sourcing output. Connected to
DLOW when using an external N-
channel MOSFET. When using an
external NPN bipolar transistor, con-
nect a base resistance RB from this
pin to DLOW. RB value depends on
VIN, inductor and NPN current gain.
PIN 8: CL
- Current-limit input. Threshold voltage
is 60mV from VIN. This pin clamps
the switch peak current to prevent
over-current damage to the external
switch, under abnormal conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com